Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 37 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 37 Page - ams AG

Back Button AS3630 Datasheet HTML 33Page - ams AG AS3630 Datasheet HTML 34Page - ams AG AS3630 Datasheet HTML 35Page - ams AG AS3630 Datasheet HTML 36Page - ams AG AS3630 Datasheet HTML 37Page - ams AG AS3630 Datasheet HTML 38Page - ams AG AS3630 Datasheet HTML 39Page - ams AG AS3630 Datasheet HTML 40Page - ams AG AS3630 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 37
NTC - Flash LED Overtemperature Protection - fault_ntc
Figure AS3630 – 34:
NTC Internal circuit
The NTC input can be used to monitor the flash LED temperature
if ntc_on=1. A internal current source controlled by NTC_current
sources a current on pin NTC - see Figure 34. If the voltage on
pin NTC drops below VNTC_TH, fault_ntc is set, the DCDCs are
stopped and the flash current source (on pin LED_OUT ) is
disabled (instantaneous) by setting mode_setting depending
on register mode_after_flash. If mode_after_flash=001b then
mode_setting=001b (shutdown and discharge Supercap). All
other settings of mode_after_flash result in mode_setting=000b
(shutdown).
As the external NTC cannot measure the LED temperature in
real time during a short high current flash pulse (the duration
from heating up of the LED until the NTC recognizes a too hot
LED is usually too long), it is advisable to measure the LED
temperature before the flash pulse (with the ADC and
NTC_current) and judge how much current can be driven
through the LED (to be estimated depending on LED heat sink
and is usually specified by the LED manufacturer).
LED Current Reduction Triggered - fault_current_reduced
If during flash the LED current has been reduced (for conditions
when this can occur see DCDC1 / DCDC2 Operating Principle
During Flash operating mode 3.), the register bit
fault_current_reduced is set for indication and lled_current_min
is set to the reduced LED current.
The operating mode is not changed and the DCDCs and current
source continue operation.
 
 

 

 
   

    

 
  



  
 !"
 #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com