Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 38 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 38 Page - ams AG

Back Button AS3630 Datasheet HTML 34Page - ams AG AS3630 Datasheet HTML 35Page - ams AG AS3630 Datasheet HTML 36Page - ams AG AS3630 Datasheet HTML 37Page - ams AG AS3630 Datasheet HTML 38Page - ams AG AS3630 Datasheet HTML 39Page - ams AG AS3630 Datasheet HTML 40Page - ams AG AS3630 Datasheet HTML 41Page - ams AG AS3630 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
AS3630 – 38
8A Supercap Flash Driver
Supply Undervoltage Protection
If the voltage on the pin VIN (=battery voltage) is or falls below
VUVLO, the AS3630 is kept in shutdown state and all registers are
set to their default state.
Interrupt Output
INT is an open drain, active low output. The internal circuit to
control this pin is shown in Figure 35.
Figure AS3630 – 35:
Interrupts Processing
Once an interrupt event occurs (e.g. end of charge of Supercap;
detailed description of interrupt events in “AS3630 Torch
Operation with Duration Synchronized to STROBE Input ” on
page 35, the interrupt flip flop is set (register status_eoc=1). If
the interrupt mask is high (register status_eoc_mask=1), the
output INT is pulled to low signalizing an interrupt condition.
All 8 interrupt flip flops are automatically cleared upon readout
of register Fault / Status.
ADC
The ADC is programmed by setting the ADC channel in register
ADC_channel (page 52) and the ADC conversion is performed
after setting ADC_convert (page 52).
The actual timing when the ADC conversion is started / finished
is programmed with ADC_convert as shown in Figure 36:
  
  

 
 

   
    


!"#"
$ # 
#
 
 

!" 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com