Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 50 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 50 Page - ams AG

Back Button AS3630 Datasheet HTML 46Page - ams AG AS3630 Datasheet HTML 47Page - ams AG AS3630 Datasheet HTML 48Page - ams AG AS3630 Datasheet HTML 49Page - ams AG AS3630 Datasheet HTML 50Page - ams AG AS3630 Datasheet HTML 51Page - ams AG AS3630 Datasheet HTML 52Page - ams AG AS3630 Datasheet HTML 53Page - ams AG AS3630 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
AS3630 – 50
8A Supercap Flash Driver
06h
Flash Timer
ind_rampup_s
mooth
ind_rampdo
wn_smooth
flash_timeout
Access
RW
RW
RW
Reset Value
1
1
0Fh
Smooth
rampup during
indicator
blinking if
ind_on=1
0... none
1...smooth
(380ms)
Smooth
rampdown
during
indicator
blinking if
ind_on=1
0... none
1...smooth
(380ms)
Flash timeout timer - define maximum flash time
4ms steps from 0…15h; 16ms steps from 16h to 63h
00h … 4ms
01h … 8ms
02h … 12ms
03h … 16ms
04h … 20ms
05h … 24ms
06h … 28ms
07h … 32ms
08h … 36ms
09h … 40ms
0Ah … 44ms
0Bh … 48ms
0Ch … 52ms
0Dh … 56ms
0Eh … 60ms
0Fh … 64ms
10h … 68ms
11h … 72ms
12h … 76ms
13h … 80ms
14h … 84ms
15h … 88ms
16h … 104ms
17h … 120ms
18h … 136ms
19h … 152ms
1Ah … 168ms
1Bh … 184ms
1Ch … 200ms
1Dh … 216ms
1Eh … 232ms
1Fh … 248ms
20h … 264ms
21h … 280ms
22h … 296ms
23h … 312ms
24h … 328ms
25h … 344ms
26h … 360ms
27h … 376ms
28h … 392ms
29h … 408ms
2Ah … 424ms
2Bh … 440ms
2Ch … 456ms
2Dh … 472ms
2Eh … 488ms
2Fh … 504ms
30h … 520ms
31h … 536ms
32h … 552ms
33h … 568ms
34h … 584ms
35h … 600ms
36h … 616ms
37h … 632ms
38h … 648ms
39h … 664ms
3Ah … 680ms
3Bh … 696ms
3Ch … 712ms
3Dh … 728ms
3Eh … 744ms
3Fh … 760ms
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com