Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 43 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 43 Page - ams AG

Back Button AS3630 Datasheet HTML 39Page - ams AG AS3630 Datasheet HTML 40Page - ams AG AS3630 Datasheet HTML 41Page - ams AG AS3630 Datasheet HTML 42Page - ams AG AS3630 Datasheet HTML 43Page - ams AG AS3630 Datasheet HTML 44Page - ams AG AS3630 Datasheet HTML 45Page - ams AG AS3630 Datasheet HTML 46Page - ams AG AS3630 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 43
Figure AS3630 – 39:
Data Read (from Current Pointer Location) - Slave Transmitter Mode
Figure AS3630 – 40:
Data Read (Write Pointer, Then Read) - Slave Receive and Transmit
I²C Address Selection
Note: It is required to read the register Fixed ID twice after
startup in order for the I²C address selection to identify the I²C
address used.
The AS3630 features two I²C slave addresses without having a
dedicated address selection pin. The selection of the I²C address
is done with the interconnection of AS3630 to the bus lines
shown in the figure below. The serial interface logic inside
AS3630 is able to distinguish between a direct I²C connection
to the master or a second option where data and clock line are
crossed. Therefore it is possible to address a maximum of two
AS3630 slaves on one I²C bus.
S
Figure 42
1
A
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
NA
XXXXXXXX
P
<Slave Address>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
S - Start
A - Acknowledge (ACK)
P - Stop
NA - Not Acknowledge (NACK)
Data Transferred
(X + 1 Bytes + Acknowledge)
Note: Last data byte is followed by a NACK
<Data(n+2)>
S
Figure 42
0
A
XXXXXXXX
A
1
A
Figure 42
<Slave Address>
<Word Address (n)>
<Data(n+2)>
S - Start
Sr - Repeated Start
A - Acknowledge (ACK)
P - Stop
NA - Not Acknowledge (NACK)
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
NA
XXXXXXXX
P
<Data(n)>
<Data(n+1)>
<Data(n+X)>
Sr
Data Transferred
(X + 1 Bytes + Acknowledge)
Note: Last data byte is followed by a NACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com