Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 30 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 30 Page - ams AG

Back Button AS3630 Datasheet HTML 26Page - ams AG AS3630 Datasheet HTML 27Page - ams AG AS3630 Datasheet HTML 28Page - ams AG AS3630 Datasheet HTML 29Page - ams AG AS3630 Datasheet HTML 30Page - ams AG AS3630 Datasheet HTML 31Page - ams AG AS3630 Datasheet HTML 32Page - ams AG AS3630 Datasheet HTML 33Page - ams AG AS3630 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
AS3630 – 30
8A Supercap Flash Driver
Operating Mode and LED Currents
Currents and operating modes are selected according to the
following figure:
Figure AS3630 – 25:
Operating Mode and Current Settings
AS3630 Configuration
Operating Mode and Currents
Condition
Mode
No supply on VIN (0V)
Shutdown
All registers are
reset to their
default values
Discharging
0
XX
X
VIN supplied
XX
000b,
001b
txmask_torch_m
ode not 10
Standby
Keep voltage as is
if mode_setting
=000b,
discharging if
mode_setting=00
1b
0mA
0X
txmask_torch_m
ode =10
1X
txmask_torch_m
ode =10
External torch
mode
led_current1
limited to 460mA
X
X
010b
Pre-charge
Pre-charge
Supercap to VIN
0mA
X
X
011b
Charge
Charge Supercap
to
end_of_charge_v
oltage
0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com