Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 47 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 47 Page - ams AG

Back Button AS3630 Datasheet HTML 43Page - ams AG AS3630 Datasheet HTML 44Page - ams AG AS3630 Datasheet HTML 45Page - ams AG AS3630 Datasheet HTML 46Page - ams AG AS3630 Datasheet HTML 47Page - ams AG AS3630 Datasheet HTML 48Page - ams AG AS3630 Datasheet HTML 49Page - ams AG AS3630 Datasheet HTML 50Page - ams AG AS3630 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 47
03h
Boost/TXMask
Current
led_current_range
curr_limit_curr_r
ed
coil1_txmask_curr_red
txmask_torch_mode
Access
RW
RW
RW
RW
Reset Value
00b
0b
011b
00b
Comment
Range setting for led_current
00...10-2500mA range
01...10-250mA range
10...2500-3000mA range
11...don’t use
use range “10” only for currents
above 2500mA
Reduce LDCDC1 current in steps of coil1_peak
currents during TXMask
(this is a delta value; e.g. -1 means one current
step reduction e.g. from 2.5A to 2.0A; -4
means four steps e.g. from 2.5A to 750mA. if
the reduction would result in a negative value,
DCDC1 is switch off during TXMask event)
000 … -1
001 … -2
010 … -3
011 … -4 - default value
100 … -5
101 … -6
Function of TXMASK/TORCH
pin
00 … no effect (default)
01 … txmask operation
mode (applies for flash
mode, mode_setting=111b)
10 … external torch mode
(applies for shutdown mode,
mode_setting=000b or
001b, max. led_current
≤
460mA)
11 … don't use
110 … -7
111 … -8
If set, reduce LED current if LDCDC1 and LDCDC2 currents are hit and current source ILED cannot drive
the output current.
Note: In flash mode LDCDC1 is usually operated in current limit.
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com