Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 61 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 61 Page - ams AG

Back Button AS3630 Datasheet HTML 57Page - ams AG AS3630 Datasheet HTML 58Page - ams AG AS3630 Datasheet HTML 59Page - ams AG AS3630 Datasheet HTML 60Page - ams AG AS3630 Datasheet HTML 61Page - ams AG AS3630 Datasheet HTML 62Page - ams AG AS3630 Datasheet HTML 63Page - ams AG AS3630 Datasheet HTML 64Page - ams AG AS3630 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 61
LEDs
The LED with its optics and its performance are a key element
in a Supercap LED flash. Therefore use 2 high power LEDs with
lowest forward voltage.
Figure AS3630 – 46:
Recommended LEDs
Input Capacitor CVIN
Low ESR input capacitors reduce input switching noise and
reduce the peak current drawn from the battery. Ceramic
capacitors are required for input decoupling and should be
located as close to the device as is practical.
Figure AS3630 – 47:
Recommended Input Capacitor
If a different input capacitor is chosen, ensure similar ESR value
and at least 3μF capacitance at the maximum input supply
voltage. Larger capacitor values (C) may be used without
limitations.
Optionally add a smaller capacitor in parallel to the input pin
VIN (e.g. Murata GRM155R61C104, >50nF @ 3V, 0402 size).
Part
Number
Vf
@ 1A
Brightness
@ 1A
ILED
@ 25ºC
ILED peak
@ 25ºC
Size
Manufacturer
CUW CFUP
3.5V
(max. 4.2V)
250-355lm
30mA-120
0mA
2500mA, t
≤
10ms,
duty=0.005
2x1.64x0.6
3mm, max
H 0.74mm
Osram-OS
www.osram-os.com
CL-778
2.24x1.84x
0.75mm
Citizen Electronics
ce.citizen.co.jp/lighting
_led/en/index.html
LXCL-LW07
3000mA
Lumileds
www.philipslumileds.c
om
Part Number
C
TC Code
Related
Voltage
Size
Manufacturer
GRM188R60J106ME47
10μ
>3μF@4.5V
>2μF@5.25V
X5R
6V3
0603
Murata
www.murata.com
LMK107BBJ106MA
10μ
>3μF@4.5V
X5R
6V3
0603
Taiyo Yuden
www.t-yuden.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com