Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 53 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 53 Page - ams AG

Back Button AS3630 Datasheet HTML 49Page - ams AG AS3630 Datasheet HTML 50Page - ams AG AS3630 Datasheet HTML 51Page - ams AG AS3630 Datasheet HTML 52Page - ams AG AS3630 Datasheet HTML 53Page - ams AG AS3630 Datasheet HTML 54Page - ams AG AS3630 Datasheet HTML 55Page - ams AG AS3630 Datasheet HTML 56Page - ams AG AS3630 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 53
09h
Fault / Status
status_eoc
status_adc_e
oc
fault_led
fault_overte
mp
fault_timeo
ut
fault_sc_short
fault_ntc
fault_current
_reduced
Access
SS_RC1
SS_RC
SS_RC
SS_RC
SS_RC
SS_RC
SS_RC
SS_RC
Reset Value
0b
0b
0b
0b
0b
0b
0b
0b
End Of
Supercap
Charge (see
page 35)
ADC end of
conversion
reached (see
page 35)
Shorted or open
LED (LED_OUT)
detected (see
page 35)
Overtemper
ature
(Tjunction)
triggered
(see
page 36)
Timeout has
triggered
(see
page 36)
Detect a
shorted
Supercap
(BAL-GND) or
(VSUPERCAP-
BAL) during
charging (see
page 36)
LED
Overtemper
ture
detection
hit
(monitored
by NTC) (see
page 36)
LED Current
has been
reduced and
register
led_current_min reports min. led current during flash cycle (see page 37)
0Ah
Interrupt Mask
status_eoc_mas
k
status_adc_e
oc_mask
fault_led_mask
fault_overte
mp_mask
fault_timeo
ut_mask
fault_sc_short
_mask
fault_ntc_m
ask
fault_current
_reduced_m
ask
Access
RW
RW
RW
RW
RW
RW
RW
RW
Reset Value
0b
0b
0b
0b
0b
0b
0b
0b
If set, end of
Supercap
charge triggers
INT
If set ADC
end of
conversion
triggers INT
If set, a shorted
or open LED
(LED_OUT)
triggers INT
If set,
overtemper
ature
(Tjunction)
triggers INT
If set
timeout
triggers INT
If set
fault_sc_short
triggers INT
If set
fault_ntc
triggers INT
If set
fault_current
_reduced
triggers INT
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com