Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 40 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 40 Page - ams AG

Back Button AS3630 Datasheet HTML 36Page - ams AG AS3630 Datasheet HTML 37Page - ams AG AS3630 Datasheet HTML 38Page - ams AG AS3630 Datasheet HTML 39Page - ams AG AS3630 Datasheet HTML 40Page - ams AG AS3630 Datasheet HTML 41Page - ams AG AS3630 Datasheet HTML 42Page - ams AG AS3630 Datasheet HTML 43Page - ams AG AS3630 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
AS3630 – 40
8A Supercap Flash Driver
Start Data Transfer
A change in the state of the data line, from HIGH to LOW, while
the clock is HIGH, defines a START condition.
Stop Data Transfer
A change in the state of the data line, from LOW to HIGH, while
the clock line is HIGH, defines the STOP condition.
Data Valid
The state of the data line represents valid data when, after a
START condition, the data line is stable for the duration of the
HIGH period of the clock signal. The data on the line must be
changed during the LOW period of the clock signal. There is one
clock pulse per bit of data.
Each data transfer is initiated with a START condition and
terminated with a STOP condition. The number of data bytes
transferred between START and STOP conditions are not
limited, and are determined by the master device. The
information is transferred byte-wise and each receiver
acknowledges with a ninth bit.
Acknowledge
Each receiving device, when addressed, is obliged to generate
an acknowledge after the reception of each byte. The master
device must generate an extra clock pulse that is associated
with this acknowledge bit.
A device that acknowledges must pull down the SDA line during
the acknowledge clock pulse in such a way that the SDA line is
stable LOW during the HIGH period of the acknowledge-related
clock pulse. Of course, setup and hold times must be taken into
account. A master must signal an end of data to the slave by not
generating an acknowledge bit on the last byte that has been
clocked out of the slave. In this case, the slave must leave the
data line HIGH to enable the master to generate the STOP
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com