Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 41 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 41 Page - ams AG

Back Button AS3630 Datasheet HTML 37Page - ams AG AS3630 Datasheet HTML 38Page - ams AG AS3630 Datasheet HTML 39Page - ams AG AS3630 Datasheet HTML 40Page - ams AG AS3630 Datasheet HTML 41Page - ams AG AS3630 Datasheet HTML 42Page - ams AG AS3630 Datasheet HTML 43Page - ams AG AS3630 Datasheet HTML 44Page - ams AG AS3630 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 41
Figure AS3630 – 37:
Data Transfer on I²C Serial Bus
Depending upon the state of the R/W bit, two types of data
transfer are possible:
1.
Data transfer from a master transmitter to a slave
receiver. The first byte transmitted by the master is the
slave address. Next follows a number of data bytes. The
slave returns an acknowledge bit after each received
byte. Data is transferred with the most significant bit
(MSB) first.
2.
Data transfer from a slave transmitter to a master
receiver. The master transmits the first byte (the slave
address). The slave then returns an acknowledge bit,
followed by the slave transmitting a number of data
bytes. The master returns an acknowledge bit after all
received bytes other than the last byte. At the end of the
last received byte, a “not acknowledge” is returned. The
master device generates all of the serial clock pulses and
the START and STOP conditions. A transfer is ended with
a STOP condition or with a repeated START condition.
Since a repeated START condition is also the beginning
of the next serial transfer, the bus is not released. Data
is transferred with the most significant bit (MSB) first.
The AS3630 can operate in the following two modes:
1.
Slave Receiver Mode (Write Mode): Serial data and
clock are received through SDA and SCLK. After each
byte is received an acknowledge bit is transmitted.
START and STOP conditions are recognized as the
beginning and end of a serial transfer. Address
recognition is performed by hardware after reception of
the slave address and direction bit (see Figure 38). The
slave address byte is the first byte received after the
master generates the START condition. The slave
address byte contains the 7-bit AS3630 address, which
is shown in Figure 42, followed by the direction bit
(R/W), which, for a write, is 0.11 After receiving and
decoding the slave address byte the device outputs an
acknowledge on the SDA line. After the AS3630
7 bit SLAVE
ADDRESS
ACKNOWLEDGE-
MENT SIGNAL FROM
RECEIVER
ACKNOWLEDGE-
MENT SIGNAL FROM
RECEIVER
REPEATED IF
MORE BYTES
ARE TRANS-
STOP CONDITION
OR REPEATED
START CONDI-
START
CONDITION
SCLK
SDA
MSB
R/W
DIREC-
TION
ACK
1
2
6
78
9
1
2
3-7
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com