Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 51 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 51 Page - ams AG

Back Button AS3630 Datasheet HTML 47Page - ams AG AS3630 Datasheet HTML 48Page - ams AG AS3630 Datasheet HTML 49Page - ams AG AS3630 Datasheet HTML 50Page - ams AG AS3630 Datasheet HTML 51Page - ams AG AS3630 Datasheet HTML 52Page - ams AG AS3630 Datasheet HTML 53Page - ams AG AS3630 Datasheet HTML 54Page - ams AG AS3630 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 51
07h
Control
ind_on
mode_after_flash
keep_sc_ch
arged
ntc_on
mode_setting
Access
RW
RW
RW
RW
RW
Reset Value
0b
11b
0b
0b
001b
Iindicator
current source
on IND_OUT
0 … off
1… on, (current
set by
ind_current)
Set the operating mode after
flash (see Figure 23 on page 27):
00... shutdown (leave Supercap
charged)
01... shutdown and discharge
Supercap
10... pre charge Supercap (to VIN)
11... charge Supercap
If set during
PWM,Torch
or Charge
operation
keep
Supercap
charged
with 10mA
current
Hardware
NTC
protection
of LED_OUT
0…off
1…on
000 ... shutdown or external torch mode (leave
Supercap charged)
001 ... shutdown or external torch mode and
discharge Supercap with RDIS_CHARGE - default
010 ... pre charge Supercap (to VIN)
011 ... charge Supercap
100 ... torch operation (wo/ Supercap) - max.
led_current
≤ 460mA
101 ... PWM Operation (main LED); max.
led_current
≤ 303.9mA; led_current_range is
set to 00b
110 ... torch operation sync to STROBE
(STROBE=1: LED on; STROBE=0: LED off ) max.
led_current
≤ 931mA
111 ... Flash Operation
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com