Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 48 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 48 Page - ams AG

Back Button AS3630 Datasheet HTML 44Page - ams AG AS3630 Datasheet HTML 45Page - ams AG AS3630 Datasheet HTML 46Page - ams AG AS3630 Datasheet HTML 47Page - ams AG AS3630 Datasheet HTML 48Page - ams AG AS3630 Datasheet HTML 49Page - ams AG AS3630 Datasheet HTML 50Page - ams AG AS3630 Datasheet HTML 51Page - ams AG AS3630 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
AS3630 – 48
8A Supercap Flash Driver
04h
Coil and Charge
Current
charge_current
coil2_peak
coil1_peak
Access
RW
RW
RW
Reset Value
01b
010b
100b
Comment
Defines charging current of
Supercap for pre-charge and
‘transition’ (to charge);
afterwards coil1_peak defines
current
00 … 200mA - low quiescent
current mode
01 … 500mA
10 ... 750mA
11 … 1000mA
LDCDC2 Coil Peak current limit
000 … don’t use
001 … don’t use
010 … 2.43A (default)
011 … 3.14A
100 … 3.86A
101 … 4.57A
110 … 5.29 A
111 … 6.0A
LDCDC1 Coil Peak current limit
000 … don’t use
001 … 750mA
010 … 1A
011 … 1.5A
100 … 2A (default)
101 … 2.5A
110 … 3A
111 … 3.5A
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com