Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 25 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 25 Page - ams AG

Back Button AS3630 Datasheet HTML 21Page - ams AG AS3630 Datasheet HTML 22Page - ams AG AS3630 Datasheet HTML 23Page - ams AG AS3630 Datasheet HTML 24Page - ams AG AS3630 Datasheet HTML 25Page - ams AG AS3630 Datasheet HTML 26Page - ams AG AS3630 Datasheet HTML 27Page - ams AG AS3630 Datasheet HTML 28Page - ams AG AS3630 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 25
Torch/PWM Operation
Due to its concept, a torch or PWM operation can be performed
without even charging the Supercap (this allows instantaneous
video light or torch light):
Figure AS3630 – 21:
Immediate Torch (=Video Light) or PWM Operation
After setting mode_setting = “Torch” or “PWM Operation”7 the
step-up DCDC1 converter is used to generate -VDCDC sufficiently
high enough to drive the ILED_OUT current (controlled by
led_current). If keep_sc_charged (page 51)=1, VSUPERCAP is
charged by the current source IKEEP_CHARGE (without exceeding
end_of_charge_voltage) to maintain the charge on the Supercap
during this operating mode.
7. In PWM operation the current source ILED_OUT is PWM modulated with a duty cycle set by led_out_pwm.





 




 



 
  


 !"#
$%&
'#!
#
! )
'#
*+




$, !-

.%/ 


0
1
0

0

 
2 -3  -
2
20
!!#) 3 (!
4
'#!
#
54 ! + !6
3/% #!

(
4  
 -7 3 (



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com