Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 21 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 21 Page - ams AG

Back Button AS3630 Datasheet HTML 17Page - ams AG AS3630 Datasheet HTML 18Page - ams AG AS3630 Datasheet HTML 19Page - ams AG AS3630 Datasheet HTML 20Page - ams AG AS3630 Datasheet HTML 21Page - ams AG AS3630 Datasheet HTML 22Page - ams AG AS3630 Datasheet HTML 23Page - ams AG AS3630 Datasheet HTML 24Page - ams AG AS3630 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 21
The AS3630 is a highly efficient dual DCDC Supercap charger
charging and balancing the Supercap and operating a LED flash
at up to 8A current.
The principle of operation of a AS3630 is as follows:
1.
Charge the Supercap on VSUPERCAP to e.g. 5.5V - see
Supercap Charging/Discharge/Pre-charge to VIN
2.
Torch (or PWM) operation of the LED does not depend
on a charge Supercap - see “Torch/PWM Operation” on
page 25.
3.
Use DCDC1 to step up from VIN to VDCDC to source one
part of the LED_OUT current; in parallel use DCDC2 to
step up from -VSUPERCAP to VDCDC to source the
remaining part of the flash current - see Flash Operation.
Using this approach a very high current flash operation can be
performed using considerable low current from the battery
(usually batteries have a defined strict current limit, so the full
flash current cannot be supplied directly from the battery only).
Supercap Charging/Discharge/Pre-charge to VIN
The charging of the Supercap is performed in following steps:
• Pre-Charge - (see Figure below): Charge the Supercap
close to VIN - initiated by setting mode_setting = Supercap
pre-charge1, 2:
The switch between SW1 and VDCDC is closed and ICHARGE
(set by charge_current) is used to control the charging
current. Use charge_current=00b for a special low power
mode only consuming IPRE_CHARGE_LOW_POWER.
1. This mode is usually used during standby of the system - the Supercap is kept at VIN; this will reduce the charging time, when the
camera is operated and the Supercap has to be charged to its final end of charge voltage (e.g. 5.5V)
2. In pre-charge the Supercap is always charged close to VVIN; therefore VSUPERCAP_EOC ≥ VVIN
Detailed Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com