Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 18 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 18 Page - ams AG

Back Button AS3630 Datasheet HTML 14Page - ams AG AS3630 Datasheet HTML 15Page - ams AG AS3630 Datasheet HTML 16Page - ams AG AS3630 Datasheet HTML 17Page - ams AG AS3630 Datasheet HTML 18Page - ams AG AS3630 Datasheet HTML 19Page - ams AG AS3630 Datasheet HTML 20Page - ams AG AS3630 Datasheet HTML 21Page - ams AG AS3630 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
AS3630 – 18
8A Supercap Flash Driver
Figure AS3630 – 14:
Torch Cycle
Torch cycle: Shows a torch operation. To operate the torch no charging of the Supercap is required (see voltage
on VSUPERCAP), ILED_OUT=100mA.
Figure AS3630 – 15:
ILED_OUT Ripple Waveform
ILED_OUT ripple: Current ripple measured on ILED during flash with ILED_OUT=2A.
VVSUPERCAP (1V/div)
ILED_OUT (20mA/div)
IVVIN (500mA/div)
time (80μs/div)
VVDCDC_OUT (1V/div)
ILED_OUT (30mA/div, AC coupled)
time (100ns/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com