Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 40 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 36Page - Microchip Technology MEC1322 Datasheet HTML 37Page - Microchip Technology MEC1322 Datasheet HTML 38Page - Microchip Technology MEC1322 Datasheet HTML 39Page - Microchip Technology MEC1322 Datasheet HTML 40Page - Microchip Technology MEC1322 Datasheet HTML 41Page - Microchip Technology MEC1322 Datasheet HTML 42Page - Microchip Technology MEC1322 Datasheet HTML 43Page - Microchip Technology MEC1322 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 456 page
background image
MEC1322
DS00001719D-page 40
 2014 - 2015 Microchip Technology Inc.
TABLE 1-40:
PIN STATES AFTER VCC1 POWER-ON
Pin
Re fe re n ce
Nu m b e r
P in N a m e
Pin Sta te afte r VC C 1 Po w e r-o n
21
KSO 0 0 /G PIO 000 /JTAG _ TC K
P u s h-p u ll - H igh
20
KSO 0 1 /G PIO 100 /JTAG _ TMS
P u s h-p u ll - H igh
19
KSO 02 /G PIO 101 /J TAG _ TD I
P u s h-p u ll - H igh
18
KSO 0 3 /G PIO 102 /JTAG _ TD O
P u s h-p u ll - H igh
17
K S O 04/G P IO 10 3/TFD P_ D ATA/XN O
R
P u s h -p ull - H igh
16
KS O 05/G P IO 1 04/TFD P _ C L K
P u s h-p u ll - H igh
13
K S O 06/G P IO 00 1
P u s h-p u ll - H igh
12
K S O 07/G P IO 00 2
P u s h-p u ll - H igh
10
K S O 08/G P IO 00 3
P u s h-p u ll - H igh
9
K S O 09/G P IO 10 6
P u s h-p u ll - H igh
8
K S O 10/G P IO 00 4
P u s h-p u ll - H igh
7
K S O 11/G P IO 10 7
P u s h-p u ll - H igh
6
K S O 12/G P IO 00 5
P u s h-p u ll - H igh
5
K S O 13/G P IO 00 6
P u s h-p u ll - H igh
113
LED 0 /G PIO 154
O D - lo w
114
LED 1 /G PIO 155
O D - lo w
115
LED 2 /G PIO 156
O D - lo w
66
PS2_C LK0/G P IO 046
IO D - lo w
61
PS2_C LK1/G P IO 050
IO D - lo w
35
PS2_C LK2/G P IO 051
IO D - lo w
60
nR ESET_O U T/G PIO 1 2 1
G litc h P ro te c te d - d rive n lo w w h ile VC C 1 is
ris ing.
The pin bec om es a pus h-pu ll outpu t afte r VC C 1
is up a nd s table (require s a pull-do w n on the
board)
77
VC C 1 _R S T# /G P IO 13 1
G litc h P ro te c te d - d rive n lo w w h ile VC C 1 is
ris ing.
The pin bec om es O D afte r VC C 1 is up and s tab le
(require s a pull-up on th e b oard )
85
G P IO 143/R S MR ST#
G litc h P ro te c te d - d rive n lo w w h ile VC C 1 is
ris ing.
The pin bec om es a pus h-pu ll outpu t afte r VC C 1
is up a nd s table (require s a pull-do w n on the
board)
125
G P IO 025/I2 C 3_D AT0
G litc h P rotec te d - driven lo w w h ile VC C 1 is ris ing.
The pin bec om es an inpu t (i.e ., tri-s tated O D type)
afte r VC C 1 is up an d s table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com