Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 77 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 77 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 73Page - Microchip Technology MEC1322 Datasheet HTML 74Page - Microchip Technology MEC1322 Datasheet HTML 75Page - Microchip Technology MEC1322 Datasheet HTML 76Page - Microchip Technology MEC1322 Datasheet HTML 77Page - Microchip Technology MEC1322 Datasheet HTML 78Page - Microchip Technology MEC1322 Datasheet HTML 79Page - Microchip Technology MEC1322 Datasheet HTML 80Page - Microchip Technology MEC1322 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 77
MEC1322
5.4.2
REGISTER INTERFACES
The registers defined for the LPC Interface block are accessible by the various hosts as indicated in Section 5.9, "LPC
Configuration Registers", Section 5.11, "EC-Only Registers"and Section 5.10, "Runtime Registers".
5.5
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
5.5.1
POWER DOMAINS
5.5.2
CLOCK INPUTS
5.5.3
RESETS
The following table defines the effective reset state that result from the combination of these three reset signals.
LFRAME#
Input
Active low signal indicates start of new cycle and termina-
tion of broken cycle.
LRESET#
Input
Active low signal used as LPC Interface Reset. Same as
PCI Reset on host.
Note:
LRESET# is typically connected to the host
PCI RESET (PCIRST#) signal.
LCLK
Input
PCI clock input (PCI_CLK)
SERIRQ
Input/Output
Serial IRQ pin used with the LCLK signal to transfer inter-
rupts to the host.
CLKRUN#
Open-Drain Output
Clock Control for LCLK
TABLE 5-3:
POWER SOURCES
Name
Description
VCC1
The LPC Interface block and registers are
powered by VCC1.
TABLE 5-4:
CLOCK INPUTS
Name
Description
LCLK
This LPC Interface has a single clock input,
called LCLK.
Note:
The PCI_CLK input to LCLK can run at 19.2MHz to 33MHz. When the PCI_CLK input frequency is from
19.2MHz (including 24MHz) to 33MHz the Handshake bit in the EC Clock Control Register must be set to
a ‘1’ to capture LPC transactions properly. See Section 5.11.4, "EC Clock Control Register," on page 96.
TABLE 5-5:
RESET SIGNALS
Name
Description
VCC1_RESET
Power on Reset to the block. This signal resets all the register and logic
in this block to its default state.
nSIO_RESET
This signal is used to indicate when the main power rail in the system is
reset. The LPC interface is operational when main power is present. This
signal is used to reset selected registers as defined in the Register
Interfaces descriptions.
LRESET#
The LRESET# signal comes from the LPC pin interface. This signal is
defined in the Intel® Low Pin Count (LPC) Interface Specification, v1.1.
TABLE 5-2:
SIGNAL DESCRIPTION TABLE (CONTINUED)
Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com