Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 80 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 80 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 76Page - Microchip Technology MEC1322 Datasheet HTML 77Page - Microchip Technology MEC1322 Datasheet HTML 78Page - Microchip Technology MEC1322 Datasheet HTML 79Page - Microchip Technology MEC1322 Datasheet HTML 80Page - Microchip Technology MEC1322 Datasheet HTML 81Page - Microchip Technology MEC1322 Datasheet HTML 82Page - Microchip Technology MEC1322 Datasheet HTML 83Page - Microchip Technology MEC1322 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 456 page
background image
MEC1322
DS00001719D-page 80
 2014 - 2015 Microchip Technology Inc.
5.8.1.3
LPC Clock Run
USING CLKRUN#
CLKRUN# is used to indicate the status of LCLK as well as to request that a stopped clock be started. See FIGURE
5-2: CLKRUN# System Implementation Example on page 81, an example of a typical system implementation using
CLKRUN#.
LCLK Run Support can be enabled and disabled via SIRQ_MODE as shown in Table 5-9, "LPC Controller CLKRUN#
Function". When the SIRQ_MODE is ‘0,’ Serial IRQs are disabled, the CLKRUN# pin is disabled, and the affects of Inter-
rupt requests on CLKRUN# are ignored. When the SIRQ_MODE is ‘1,’ Serial IRQs are enabled, the CLKRUN# pin is
enabled, and the CLKRUN# support related to Interrupts requests as described in the section below is enabled.
The CLKRUN# pin is an open drain output and input. Refer to the PCI Mobile Design Guide Rev 1.0 for a description
of the CLKRUN# function. If CLKRUN# is sampled “high”, LCLK is stopped or stopping. If CLKRUN# is sampled “low”,
LCLK is starting or started (running).
CLKRUN# Support for Serial IRQ Cycle
If a logical device asserts or de-asserts an interrupt and CLKRUN# is sampled “high”, the LPC Controller can request
the restoration of the clock by asserting the CLKRUN# signal asynchronously (Table 5-9). The LPC Controller holds
CLKRUN# low until it detects two rising edges of the clock. After the second clock edge, the controller must disable the
open drain driver (Figure 5-3).
The LPC Controller must not assert CLKRUN# if it is already driven low by the central resource; i.e., the PCI CLOCK
GENERATOR in Figure 5-2. The controller does not assert CLKRUN# under any conditions if the Serial IRQs are dis-
abled.
The LPC Controller must not assert CLKRUN# unless the line has been de-asserted for two successive clocks; i.e.,
before the clock was stopped (Figure 5-3).
The LPC Controller does not assert CLKRUN# if it is already driven low by the central resource; i.e., the PCI CLOCK
GENERATOR. The LPC Controller also does not assert CLKRUN# unless the signal has been de-asserted for two
successive clocks; i.e., before the clock was stopped.
Note 5-5
SIRQ_MODE is defined in Section 5.8.4.1, "Enabling SERIRQ Function," on page 84.
Note 5-6
“Change” means either-edge change on any or all parallel IRQs routed to the Serial IRQ block. The
“change” detection logic must run asynchronously to LCLK and regardless of the Serial IRQ mode;
i.e., “continuous” or “quiet”.
TABLE 5-9:
LPC CONTROLLER CLKRUN# FUNCTION
SIRQ_MODE
(Note 5-5)
Internal Interrupt
Or DMA Request
CLKRUN#
Action
0X
X
None
1
NO CHANGE
X
None
CHANGE (Note 5-6)0
None
1
Assert CLKRUN#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com