Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 19 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 15Page - Microchip Technology MEC1322 Datasheet HTML 16Page - Microchip Technology MEC1322 Datasheet HTML 17Page - Microchip Technology MEC1322 Datasheet HTML 18Page - Microchip Technology MEC1322 Datasheet HTML 19Page - Microchip Technology MEC1322 Datasheet HTML 20Page - Microchip Technology MEC1322 Datasheet HTML 21Page - Microchip Technology MEC1322 Datasheet HTML 22Page - Microchip Technology MEC1322 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 19
MEC1322
1.4.15
SPI CONTROLLER INTERFACE
TABLE 1-19:
SPI CONTROLLER INTERFACE
1.4.16
TRACE DEBUG INTERFACE
TABLE 1-20:
TRACE DEBUG INTERFACE
The Trace Debug Interface is enabled using the TRACE_EN bit in the ETM TRACE Enable register defined in Chapter
35.0, "EC Subsystem Registers".
1.4.17
UART PORT
TABLE 1-21:
UART PORT
1.5
Pin Multiplexing
Multifunction Pin Multiplexing in the MEC1322 is controlled by the GPIO Interface and illustrated in the Multiplexing
Tables that follow. See Section 1.6, "Notes for Tables in this Chapter," on page 39 for notes that are referenced in the
Pin Multiplexing tables. See Section 20.8.1, "Pin Control Register," on page 250 for Pin Multiplexing programming
details. See also Section 20.7, "Pin Multiplexing Control," on page 248.
Pin signal functions that exhibit power domain emulation (see Multiplexing Tables below) have a different power supply
designation in the “Emulated Power Well” column and “Signal Power Well“ columns of the Multiplexing Tables in
Section 1.5.2.
Note:
These pins are push-pull outputs when enabled as the Trace Debug Interface pin functions. This function-
ality is not configured through the associated GPIO Pin Control Register; however the drive strength of
these pins is configured through the associated GPIO Pin Control Register 2.
SPI Controllers Interface
(10 Pins)
Pin Ref. Number
Signal Name
Description
Notes
3
SHD_SCLK
Shared SPI Clock
Note 10
128
SHD_MOSI
Shared SPI Output
Note 10
95
SHD_MISO
Shared SPI Input
Note 10
97
SHD_CS0#
Shared SPI Chip Select 0
Note 10
87
SHD_CS1#
Shared SPI Chip Select 1
2
PVT_SCLK
Private SPI Clock
Note 10
127
PVT_MOSI
Private SPI Output
Note 10
94
PVT_MISO
Private SPI Input
Note 10
96
PVT_CS0#
Private SPI Chip Select 0
Note 10
102
PVT_CS1#
Private SPI Chip Select 1
Trace Debug Interface
(5 Pins)
Pin Ref. Number
Signal Name
Description
Notes
25
TRACECLK
Trace Clock
26
TRACEDATA0
Trace Data 0
27
TRACEDATA1
Trace Data 1
28
TRACEDATA2
Trace Data 2
29
TRACEDATA3
Trace Data 3
UART Port
(2 Pins)
Pin Ref. Number
Signal Name
Description
Notes
86
RXD
UART Receive Data
87
TXD
UART Transmit Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com