Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 68 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 68 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 64Page - Microchip Technology MEC1322 Datasheet HTML 65Page - Microchip Technology MEC1322 Datasheet HTML 66Page - Microchip Technology MEC1322 Datasheet HTML 67Page - Microchip Technology MEC1322 Datasheet HTML 68Page - Microchip Technology MEC1322 Datasheet HTML 69Page - Microchip Technology MEC1322 Datasheet HTML 70Page - Microchip Technology MEC1322 Datasheet HTML 71Page - Microchip Technology MEC1322 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 456 page
background image
MEC1322
DS00001719D-page 68
 2014 - 2015 Microchip Technology Inc.
3.9.16
EC RESET ENABLE REGISTER (EC_RST_EN)
Offset
40h
Bits
Description
Type
Default
Reset
Event
31 TIMER16_1 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
30 TIMER16_0 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
29 EC_REG_BANK Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
28:23 RESERVED
RES
22 PWM3 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
21 PWM2 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
20 PWM1 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
19:12 RESERVED
RES
11 TACH1 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
10 SMB0 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
9 WDT Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
8 PROCESSOR Sleep Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
7 TFDP Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
6 DMA Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
5 PMC Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
4 PWM0 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com