Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 48 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 48 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 44Page - Microchip Technology MEC1322 Datasheet HTML 45Page - Microchip Technology MEC1322 Datasheet HTML 46Page - Microchip Technology MEC1322 Datasheet HTML 47Page - Microchip Technology MEC1322 Datasheet HTML 48Page - Microchip Technology MEC1322 Datasheet HTML 49Page - Microchip Technology MEC1322 Datasheet HTML 50Page - Microchip Technology MEC1322 Datasheet HTML 51Page - Microchip Technology MEC1322 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 456 page
background image
MEC1322
DS00001719D-page 48
 2014 - 2015 Microchip Technology Inc.
3.0
POWER, CLOCKS, AND RESETS
3.1
Introduction
The Power, Clocks, and Resets (PCR) chapter identifies all the power supplies, clock sources, and reset inputs to the
chip and defines all the derived power, clock, and reset signals. In addition, this section identifies Power, Clock, and
Reset events that may be used to generate an interrupt event, as well as, the Chip Power Management Features.
3.2
References
No references have been cited for this chapter.
3.3
Interrupts
The Power, Clocks, and Resets logic generates no events
3.4
Power
3.4.1
POWER SOURCES
Table 3-1 lists the power supplies from which the MEC1322 draws current. These current values are defined in Section
37.4, "Power Consumption," on page 395.
Note 3-1
Note on Battery Replacement: Microchip recommends removing all power sources to the device
defined in Table 3-1, "Power Source Definitions" and all external voltage references defined in
Table 3-2, "Voltage Reference Definitions" before removing and replacing the battery. In addition,
upon removing the battery, ground the battery pin before replacing the battery.
APPLICATION NOTE: Battery Circuit Requirement:
• VCC0 must always be present if VCC1 is present.
TABLE 3-1:
POWER SOURCE DEFINITIONS
Power Well
Nominal
Voltage
Description
Source
VCC1
3.3V
Main Battery Pack Supply Power Well.
This is the “Always-on” supply.
Pin Interface
VBAT
(VCC0)
(Note 3-1)
3.0V
System Battery Back-up Power Well.
This is the “coin-cell” battery.
Pin Interface
Note:
The Minimum rise/fall time requirement on VCC1 is 200us.
Note:
The Minimum rise time requirement on VBAT is 100us.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com