Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 57 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 53Page - Microchip Technology MEC1322 Datasheet HTML 54Page - Microchip Technology MEC1322 Datasheet HTML 55Page - Microchip Technology MEC1322 Datasheet HTML 56Page - Microchip Technology MEC1322 Datasheet HTML 57Page - Microchip Technology MEC1322 Datasheet HTML 58Page - Microchip Technology MEC1322 Datasheet HTML 59Page - Microchip Technology MEC1322 Datasheet HTML 60Page - Microchip Technology MEC1322 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 57
MEC1322
Note 3-11
The basic timers in this device have an auto-reload mode. When this mode is selected, the block's
clk_req equation is always asserted, which will prevent the device from gating its clock tree and going
to sleep. When the firmware intends to put the device to sleep, none of the timers should be in auto-
reload mode. Alternatively, use the timer's HALT function inside the control register to stop the timer
in auto-reload mode so it can go to sleep.
3.9.4
EC CLOCK REQUIRED STATUS REGISTERS (EC_CLK_REQ_STS)
8 PROCESSOR Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
7 TFDP Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
6 DMA Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
5 PMC Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
4 PWM0 Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
3 RESERVED
RES
2 TACH0 Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
1 PECI Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
0 INT Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
31 TIMER16_1 Clock Required
0: block does NOT need clocks.
1: block requires clocks.
R0h
VCC1_R
ESET
30 TIMER16_0 Clock Required
0: block does NOT need clocks.
1: block requires clocks.
R0h
VCC1_R
ESET
29 EC_REG_BANK Clock Required
0: block does NOT need clocks.
1: block requires clocks.
R0h
VCC1_R
ESET
28:23 RESERVED
RES
Offset
08h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com