Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 90 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 90 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 86Page - Microchip Technology MEC1322 Datasheet HTML 87Page - Microchip Technology MEC1322 Datasheet HTML 88Page - Microchip Technology MEC1322 Datasheet HTML 89Page - Microchip Technology MEC1322 Datasheet HTML 90Page - Microchip Technology MEC1322 Datasheet HTML 91Page - Microchip Technology MEC1322 Datasheet HTML 92Page - Microchip Technology MEC1322 Datasheet HTML 93Page - Microchip Technology MEC1322 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 456 page
background image
MEC1322
DS00001719D-page 90
 2014 - 2015 Microchip Technology Inc.
5.9.2.1
SIRQ Configuration Register Format
Note 5-9
See Table 5-15, “SIRQ Interrupt Configuration Register Map,” on page 90.
5.9.2.2
SIRQ Configuration Registers
Offset
See Table 5-15, “SIRQ Interrupt Configuration Register Map,” on page 90.
Bits
Description
Type
Default
Reset
Event
7 SELECT
If this bit is 1, the first interrupt signal from the Logical Device is
selected for the SERIRQ vector. If this bit is 0, the second interrupt
signal from the Logical Device is selected.
Note:
The Keyboard Controller is an example of a Logical
Devices that requires a second interrupt signal. Most
Logical Devices require only a single interrupt and ignore
this field as result.
R/W
Note 5-9
nSIO_R
ESET
6 DEVICE
This field should always be set to 0 in order to enable a SERIRQ.
R/W
Note 5-9
nSIO_R
ESET
5:0 FRAME
These six bits select the Logical Device for on-chip devices as the
source for the interrupt.
Note:
The LPC Logical Device (Logical Device Number 0Ch)
can be used by the Embedded Controller to generate a
Serial Interrupt Request to the Host under software con-
trol.
R/W
Note 5-9
nSIO_R
ESET
TABLE 5-15:
SIRQ INTERRUPT CONFIGURATION REGISTER MAP
Offset
Type
Reset
Configuration Register Name
40h
R/W
FFh
IRQ0
41h
R/W
FFh
IRQ1
42h
R/W
FFh
IRQ2
43h
R/W
FFh
IRQ3
44h
R/W
FFh
IRQ4
45h
R/W
FFh
IRQ5
46h
R/W
FFh
IRQ6
47h
R/W
FFh
IRQ7
48h
R/W
FFh
IRQ8
49h
R/W
FFh
IRQ9
4Ah
R/W
FFh
IRQ10
4Bh
R/W
FFh
IRQ11
4Ch
R/W
FFh
IRQ12
4Dh
R/W
FFh
IRQ13
4Eh
R/W
FFh
IRQ14
4Fh
R/W
FFh
IRQ15
Note:
A SERIRQ interrupt is deactivated by setting an entry in the SIRQ Interrupt Configuration Register Map to
FFh, which is the default reset value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com