Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 5 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 5 Page - Microchip Technology

  MEC1322 Datasheet HTML 1Page - Microchip Technology MEC1322 Datasheet HTML 2Page - Microchip Technology MEC1322 Datasheet HTML 3Page - Microchip Technology MEC1322 Datasheet HTML 4Page - Microchip Technology MEC1322 Datasheet HTML 5Page - Microchip Technology MEC1322 Datasheet HTML 6Page - Microchip Technology MEC1322 Datasheet HTML 7Page - Microchip Technology MEC1322 Datasheet HTML 8Page - Microchip Technology MEC1322 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 5
MEC1322
1.0
PIN CONFIGURATION
1.1
Description
The Pin Configuration chapter includes a Pin List, Pin Description, Pin Multiplexing and Package Outline.
1.2
Terminology and Symbols for Pins/Buffers
Note 1-1
See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2.
Note 1-2
See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2 and 4.2.3.
1.3
Pin List
The Pin List for the three package options is shown in Table 1-1, Table 1-2 and Table 1-3.
Term
Definition
Pin Ref. Number
There is a unique reference number for each pin name.
#
The ‘#’ sign at the end of a signal name indicates an active-low signal
n
The lowercase ‘n’ preceding a signal name indicates an active-low signal
PWR
Power
I
Digital Input
IS
Input with Schmitt Trigger
I_AN
Analog Input
O
Push-Pull Output
OD
Open Drain Output
IO
Bi-directional pin
IOD
Bi-directional pin with Open Drain Output
PIO
Programmable as Input, Output, Open Drain Output, Bi-directional or Bi-directional with Open
Drain Output.
PCI_I
Input. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 1-1)
PCI_O
Output. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 1-1)
PCI_OD
Open Drain Output. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 1-1)
PCI_IO
Input/Output These pins meet the PCI 3.3V AC and DC Characteristics. (Note 1-1)
PCI_ICLK
Clock Input. These pins meet the PCI 3.3V AC and DC Characteristics and timing. (Note 1-2)
PCI_PIO
Programmable as Input, Output, Open Drain Output, Bi-directional or Bi-directional with Open
Drain Output. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 1-1).
IO_PECI
PECI Input/Output. These pins are at the PECI VREF level. See Chapter 37.0, "Electrical Spec-
ifications".
Note:
The Pin Ref. Numbers are the same as the pin numbers in the “128 VTQFP Number” column in Table 1-1,
"MEC1322 128 VTQFP Pin Configuration".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com