Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 59 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 55Page - Microchip Technology MEC1322 Datasheet HTML 56Page - Microchip Technology MEC1322 Datasheet HTML 57Page - Microchip Technology MEC1322 Datasheet HTML 58Page - Microchip Technology MEC1322 Datasheet HTML 59Page - Microchip Technology MEC1322 Datasheet HTML 60Page - Microchip Technology MEC1322 Datasheet HTML 61Page - Microchip Technology MEC1322 Datasheet HTML 62Page - Microchip Technology MEC1322 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 59
MEC1322
3.9.5
HOST SLEEP ENABLE REGISTER (HOST_SLP_EN)
3.9.6
HOST CLOCK REQUIRED STATUS REGISTERS (HOST_CLK_REQ)
Offset
10h
Bits
Description
Type
Default
Reset
Event
31:19 RESERVED
RES
18 RTC Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
17 RESERVED
RES
16 8042EM Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
15 ACPI PM1 Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
14 ACPI EC 1 Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
13 ACPI EC 0 Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
12 GLBL_CFG
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
11:2 RESERVED
RES
1 UART 0 Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
0 LPC Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
Offset
14h
Bits
Description
Type
Default
Reset
Event
31:19 RESERVED
RES
18 RTC Clock Required
0: block does NOT need clocks.
1: block requires clocks.
R0h
VCC1_R
ESET
17 RESERVED
RES
16 8042EM Clock Required
0: block does NOT need clocks.
1: block requires clocks.
R0h
VCC1_R
ESET
15 ACPI PM1 Clock Required
0: block does NOT need clocks.
1: block requires clocks.
R0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com