Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 9 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 5Page - Microchip Technology MEC1322 Datasheet HTML 6Page - Microchip Technology MEC1322 Datasheet HTML 7Page - Microchip Technology MEC1322 Datasheet HTML 8Page - Microchip Technology MEC1322 Datasheet HTML 9Page - Microchip Technology MEC1322 Datasheet HTML 10Page - Microchip Technology MEC1322 Datasheet HTML 11Page - Microchip Technology MEC1322 Datasheet HTML 12Page - Microchip Technology MEC1322 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 9
MEC1322
TABLE 1-3:
MEC1322 144 WFBGA PIN CONFIGURATION
Pin Ref.
Num ber
144
WFBGA
Num ber
Pin Nam e
Pin Ref.
Num ber
144
WFBGA
Num ber
Pin Nam e
1
C3
GPIO036
37
H5
VCC1
2
F5
GPIO153/PVT_SCLK
38
N5
ADC4/GPIO062
3
F6
GPIO122/SHD_SCLK
39
M5
ADC3/GPIO061
4
A2
GPIO011/KSO16
40
L5
AVCC
5
A1
KSO13/GPIO006
41
N6
GPIO206
6
B1
KSO12/GPIO005
42
M6
ADC2/GPIO060
7
B2
KSO11/GPIO107
43
L6
ADC1/GPIO057
8
C2
KSO10/GPIO004
44
N7
ADC0/GPIO056
9
C1
KSO09/GPIO106
45
M7
AVSS
10
D2
KSO08/GPIO003
46
N8
LAD0/GPIO112
11
D1
VSS
47
A5
VSS
12
E2
KSO07/GPIO002
48
M8
LAD1/GPIO114
13
E1
KSO06/GPIO001
49
J3
JTAG_RST#
14
G5
VCC1
50
L8
LAD2/GPIO113
15
F1
CAP
51
L9
LAD3/GPIO111
16
G2
KSO05/GPIO104/TFDP_CLK
52
N9
LFRAME#/GPIO120
17
H3
KSO04/GPIO103/TFDP_DATA/XNOR
53
N10
LRESET#/GPIO116
18
H1
KSO03/GPIO102/JTAG_TDO
54
M9
PCI_CLK/GPIO117
19
J1
KSO02/GPIO101/JTAG_TDI
55
M10
CLKRUN#/GPIO014
20
H2
KSO01/GPIO100/JTAG_TMS
56
F3
VSS
21
J2
KSO00/GPIO000/JTAG_TCK
57
L10
SER_IRQ/GPIO115
22
K1
KSI7/GPIO043
58
J5
VCC1
23
K3
KSI6/GPIO042
59
N11
GPIO041
24
K2
KSI5/GPIO040
60
N12
nRESET_OUT/GPIO121
25
L1
KSI4/GPIO142/TRACECLK
61
N13
PS2_CLK1/GPIO050
26
L2
KSI3/GPIO032/TRACEDATA0
62
L11
PS2_DAT1/GPIO065
27
L3
KSI2/GPIO144/TRACEDATA1
63
M12
GPIO035
28
M2
KSI1/GPIO126/TRACEDATA2
64
M13
GPIO027
29
M1
KSI0/GPIO125/TRACEDATA3
65
L12
GPIO033
30
N2
GPIO031
66
K11
PS2_CLK0/GPIO046
31
N1
GPIO127/PECI_RDY
67
J12
PS2_DAT0/GPIO047
32
M3
PS2_DAT2/GPIO052
68
K12
VBAT
33
N3
GPIO147
69
L13
XTAL2
34
M4
GPIO151
70
K13
VSS_VBAT
35
L4
PS2_CLK2/GPIO051
71
J13
XTAL1
36
E3
VSS
72
J11
VCC_PWRGD/GPIO063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com