Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 75 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 75 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 71Page - Microchip Technology MEC1322 Datasheet HTML 72Page - Microchip Technology MEC1322 Datasheet HTML 73Page - Microchip Technology MEC1322 Datasheet HTML 74Page - Microchip Technology MEC1322 Datasheet HTML 75Page - Microchip Technology MEC1322 Datasheet HTML 76Page - Microchip Technology MEC1322 Datasheet HTML 77Page - Microchip Technology MEC1322 Datasheet HTML 78Page - Microchip Technology MEC1322 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 75
MEC1322
5.0
LPC INTERFACE
5.1
Introduction
The Intel® Low Pin Count (LPC) Interface is the LPC Interface used by the system host to configure the chip and com-
municate with the logical devices implemented in the design through a series of read/write registers. Register access is
accomplished through the LPC transfer cycles defined in Table 5-8, "LPC Cycle Types Supported".
The Logical Devices implemented in the design are identified in Table 5-16, “I/O Base Address Registers,” on page 92.
The Base Address Registers allow any logical device’s runtime registers to be relocated in LPC I/O space. All chip con-
figuration registers for the device are accessed indirectly through the LPC I/O Configuration Port (see Section 5.8.3,
"Configuration Port," on page 83).
LPC memory cycles may also be used to access the Base Address Registers of certain devices.
5.2
References
• Intel® Low Pin Count (LPC) Interface Specification, v1.1
• PCI Local Bus Specification, Rev. 2.2
• Serial IRQ Specification for PCI Systems Version 6.0.
• PCI Mobile Design Guide Rev 1.0
5.3
Terminology
This table defines specialized terms localized to this feature.
TABLE 5-1:
TERMINOLOGY
Term
Definition
System Host
Refers to the external CPU that communicates with this device via the LPC Interface.
Logical Devices
Logical Devices are LPC accessible features that are allocated a Base Address and
range in LPC I/O address space
Runtime Register
Runtime Registers are register that are directly I/O accessible by the System Host via
the LPC interface. These registers are defined in Section 5.10, "Runtime Registers,"
on page 93.
Configuration Registers
Registers that are only accessible in CONFIG_MODE. These registers are defined in
Section 5.9, "LPC Configuration Registers," on page 88.
EC_Only Registers
Registers that are not accessible by the System Host. They are only accessible by an
internal embedded controller. These registers are defined in Section 5.11, "EC-Only
Registers," on page 94.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com