Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 87 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 87 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 83Page - Microchip Technology MEC1322 Datasheet HTML 84Page - Microchip Technology MEC1322 Datasheet HTML 85Page - Microchip Technology MEC1322 Datasheet HTML 86Page - Microchip Technology MEC1322 Datasheet HTML 87Page - Microchip Technology MEC1322 Datasheet HTML 88Page - Microchip Technology MEC1322 Datasheet HTML 89Page - Microchip Technology MEC1322 Datasheet HTML 90Page - Microchip Technology MEC1322 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 87
MEC1322
5.8.4.6
AC/DC Specification Issue
All Serial IRQ agents must drive/sample SERIRQ synchronously related to the rising edge of LCLK. The SERIRQ pin
uses the electrical specification of the PCI bus. Electrical parameters will follow the PCI Local Bus Specification, Rev.
2.2 definition of “sustained tri-state.”
5.8.4.7
Reset and Initialization
The SERIRQ bus uses LRESET# as its reset signal and follows the PCI bus reset mechanism. The SERIRQ pin is tri-
stated by all agents while LRESET# is active. With reset, SERIRQ slaves and bridges are put into the (continuous) Idle
mode. The host controller is responsible for starting the initial SERIRQ cycle to collect system’s IRQ/Data default values.
The system then follows with the Continuous/Quiet mode protocol (Stop Frame pulse width) for subsequent SERIRQ
cycles. It is the host controller’s responsibility to provide the default values to the 8259’s and other system logic before
the first SERIRQ cycle is performed. For SERIRQ system suspend, insertion, or removal application, the host controller
should be programmed into Continuous (IDLE) mode first. This is to ensure the SERIRQ bus is in Idle state before the
system configuration changes.
5.8.4.8
SERIRQ Interrupts
The LPC Controller routes Logical Device interrupts onto SIRQ stream frames IRQ[0:15]. Routing is controlled by the
SIRQ Interrupt Configuration Registers. There is one SIRQ Interrupt Configuration Register for each accessible SIRQ
Frame (IRQ); all 16 registers are listed in Table 5-15, "SIRQ Interrupt Configuration Register Map".
The format for each SIRQ Interrupt Configuration Register is described in Section 5.9.2.1, "SIRQ Configuration Register
Format," on page 90. Each Logical Device can have up to two LPC SERIRQ interrupts. When the device is polled by
the host, each SIRQ frame routes the level of the Logical Device interrupt (selected by the corresponding SIRQ Interrupt
Configuration Register) to the SIRQ stream.
5.8.4.9
SERIRQ Routing
Each SIRQ Interrupt Configuration Register controls a series of multiplexers which route to a single Logical Device inter-
rupt as illustrated in FIGURE 5-6: SIRQ Routing Internal Logical Devices on page 88. The following table defines the
Serial IRQ routing for each logical device implemented in the chip.
TABLE 5-12:
LOGICAL DEVICE SIRQ ROUTING
SIRQ Interrupt Configuration
Register
Logical Device Interrupt Source
SELECT
DEVICE
FRAME
Logical Device
(Block Instance -
Note 1:)
Interrupt Source
0
0
0h
EMI
EC-to-Host
1
0
0h
EMI
Host Event
0
0
1h
8042 Keyboard Controller
KIRQ
1
0
1h
8042 Keyboard Controller
MIRQ
0
0
3h
ACPI EC0
EC_OBF
0
0
4h
ACPI EC1
EC_OBF
0
0
5h
ACPI PM1
N/A
0
0
6h
Legacy Port92/GateA20
N/A
00
7h
UART 0
UART
0
0
9h
Mailbox
MBX_Host SIRQ
1
0
9h
Mailbox
MBX_Host_SMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com