Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 94 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 94 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 90Page - Microchip Technology MEC1322 Datasheet HTML 91Page - Microchip Technology MEC1322 Datasheet HTML 92Page - Microchip Technology MEC1322 Datasheet HTML 93Page - Microchip Technology MEC1322 Datasheet HTML 94Page - Microchip Technology MEC1322 Datasheet HTML 95Page - Microchip Technology MEC1322 Datasheet HTML 96Page - Microchip Technology MEC1322 Datasheet HTML 97Page - Microchip Technology MEC1322 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 456 page
background image
MEC1322
DS00001719D-page 94
 2014 - 2015 Microchip Technology Inc.
5.10.1
INDEX REGISTER
5.10.2
DATA REGISTER
5.11
EC-Only Registers
The registers listed in Table 5-21, "EC-Only Register Summary" are for a single instance of the LPC Interface. Their
addresses are defined as a relative offset to the host base address defined in Table 5-20.
The following table defines the fixed host base address for each LPC Interface instance.
The Begin Address indicates where the first register can be accessed in a particular address space for a block instance.
TABLE 5-19:
RUNTIME REGISTER SUMMARY
Offset
Register Name
00h
INDEX Register
01h
DATA Register
Note:
The LPC Runtime Register space has been used to implement the INDEX and DATA registers in the Con-
figuration Port. In CONFIG_MODE, the Configuration Port is used to access the Configuration Registers.
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:0 INDEX
The INDEX register, which is part of the Configuration Port, is used
as a pointer to a Configuration Register Address.
Note:
For a description of accessing the Configuration Port see
Section 5.8.3, "Configuration Port," on page 83.
R/W
0h
VCC1_R
ESET
Offset
01h
Bits
Description
Type
Default
Reset
Event
7:0 DATA
The DATA register, which is part of the Configuration Port, is used to
read or write data to the register currently being selected by the
INDEX Register.
Note:
For a description of accessing the Configuration Port see
Section 5.8.3, "Configuration Port," on page 83
R/W
0h
VCC1_R
ESET
Note:
EC-Only registers are not accessible by the LPC interface.
TABLE 5-20:
EC-ONLY REGISTER ADDRESS RANGE TABLE
INSTANCE NAME
INSTANCE
NUMBER
HOST
ADDRESS
SPACE
BEGIN ADDRESS
LPC Interface
0
EC
32-bit internal
address space
400F_3100h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com