Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 85 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 85 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 81Page - Microchip Technology MEC1322 Datasheet HTML 82Page - Microchip Technology MEC1322 Datasheet HTML 83Page - Microchip Technology MEC1322 Datasheet HTML 84Page - Microchip Technology MEC1322 Datasheet HTML 85Page - Microchip Technology MEC1322 Datasheet HTML 86Page - Microchip Technology MEC1322 Datasheet HTML 87Page - Microchip Technology MEC1322 Datasheet HTML 88Page - Microchip Technology MEC1322 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 85
MEC1322
FIGURE 5-5:
SERIAL INTERRUPT WAVEFORM “STOP FRAME”
Stop pulse is two clocks wide for Quiet mode, three clocks wide for Continuous mode.
There may be none, one, or more Idle states during the Stop Frame.
The next SERIRQ cycle’s Start Frame pulse may or may not start immediately after the turn-around clock of the Stop
Frame.
5.8.4.3
SERIRQ Cycle Control
SERIRQ START FRAME
There are two modes of operation for the SERIRQ Start Frame.
Quiet (Active) Mode
Any device may initiate a Start Frame by driving the SERIRQ low for one clock, while the SERIRQ is Idle. After driving
low for one clock, the SERIRQ must immediately be tri-stated without at any time driving high. A Start Frame may not
be initiated while the SERIRQ is active. The SERIRQ is Idle between Stop and Start Frames. The SERIRQ is active
between Start and Stop Frames. This mode of operation allows the SERIRQ to be Idle when there are no IRQ/Data
transitions which should be most of the time.
Once a Start Frame has been initiated, the host controller will take over driving the SERIRQ low in the next clock and
will continue driving the SERIRQ low for a programmable period of three to seven clocks. This makes a total low pulse
width of four to eight clocks. Finally, the host controller will drive the SERIRQ back high for one clock then tri-state.
Any SERIRQ Device which detects any transition on an IRQ/Data line for which it is responsible must initiate a Start
Frame in order to update the host controller unless the SERIRQ is already in an SERIRQ Cycle and the IRQ/Data tran-
sition can be delivered in that SERIRQ Cycle.
Continuous (Idle) Mode
Only the Host controller can initiate a Start Frame to update IRQ/Data line information. All other SERIRQ agents become
passive and may not initiate a Start Frame. SERIRQ will be driven low for four to eight clocks by host controller. This
mode has two functions. It can be used to stop or idle the SERIRQ or the host controller can operate SERIRQ in a con-
tinuous mode by initiating a Start Frame at the end of every Stop Frame.
An SERIRQ mode transition can only occur during the Stop Frame. Upon reset, SERIRQ bus is defaulted to continuous
mode, therefore only the host controller can initiate the first Start Frame. Slaves must continuously sample the Stop
Frames pulse width to determine the next SERIRQ Cycle’s mode.
SERIRQ DATA FRAME
Once a Start Frame has been initiated, the LPC Controller will watch for the rising edge of the Start Pulse and start count-
ing IRQ/Data Frames from there. Each IRQ/Data Frame is three clocks: Sample phase, Recovery phase, and Turn-
around phase. During the sample phase, the LPC Controller must drive the SERIRQ (SIRQ pin) low, if and only if, its
last detected IRQ/Data value was low. If its detected IRQ/Data value is high, SERIRQ must be left tri-stated. During the
recovery phase, the LPC Controller must drive the SERIRQ high, if and only if, it had driven the SERIRQ low during the
previous sample phase. During the turn-around phase, the controller must tri-state the SERIRQ. The device drives the
SERIRQ line low at the appropriate sample point if its associated IRQ/Data line is low, regardless of which device initi-
ated the start frame.
H=Host Control
R=Recovery
T=Turn-around
S=Sample
I= Idle
S
R
TS
SERIRQ
LCLK
Host Controller
IRQ15
Driver
R
T
None
IRQ14
IRQ15
S
R
T
IOCHCK#
None
STOP
R
T
STOP FRAME
H
I
START
NEXT CYCLE
FRAME
FRAME
FRAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com