Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 100 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 100 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 96Page - Microchip Technology MEC1322 Datasheet HTML 97Page - Microchip Technology MEC1322 Datasheet HTML 98Page - Microchip Technology MEC1322 Datasheet HTML 99Page - Microchip Technology MEC1322 Datasheet HTML 100Page - Microchip Technology MEC1322 Datasheet HTML 101Page - Microchip Technology MEC1322 Datasheet HTML 102Page - Microchip Technology MEC1322 Datasheet HTML 103Page - Microchip Technology MEC1322 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 456 page
background image
MEC1322
DS00001719D-page 100
 2014 - 2015 Microchip Technology Inc.
6.3.1
HOST INTERFACE
The registers defined for the Chip Configuration are accessible by the Configuration Port when the device is in CONFIG
MODE. For a description of the Configuration Port and CONFIG MODE see the description of the LPC Interface.
6.4
Power, Clocks and Reset
This section defines the Power, Clock, and Reset input parameters to this block.
6.4.1
POWER DOMAINS
6.4.2
CLOCK INPUTS
This block does not require any special clock inputs.
6.4.3
RESETS
6.5
Interrupts
This block does not generate any interrupts.
6.6
Low Power Modes
This block always automatically adjusts to operate in the lowest power mode.
6.7
Description
The Chip Configuration Registers are divided into two groups: Global Configuration Registers and Logical Device Con-
figuration registers. The following descriptions assume that the LPC interface has already been configured to operate
in CONFIG MODE.
• Global Configuration Registers are always accessible via the LPC Configuration Port.
• The Logical Device Configuration registers are only accessible via the LPC Configuration Port when the corre-
sponding Logical Device Number is loaded in the Logical Device Number register. The Logical Device Number
register is a Global Configuration Register.
There are 48 8-bit Global Configuration Registers (at offsets 00h through 2Fh), plus up to 208 8-bit registers associated
with each Logical Device. The Logical Device is selected with the Logical Device Number Register (Global Configuration
Register 07h).
Sequence to Access Logical Device Configuration Register:
a) Write the number of the Logical Device being accessed in the Logical Device Number Configuration Register by
writing 07h into the INDEX PORT and the Logical Device Number into the DATA PORT.
b) Write the address of the desired logical device configuration register to the INDEX PORT and then write or read
the value of the configuration register through the DATA PORT.
Note:
Each logical device has a bank of Configuration registers that are accessible at offsets 30h to FFh via the
Configuration Port. The Logical Device number programmed in offset 07h determines which bank of con-
figuration registers is currently accessible.
TABLE 6-2:
POWER SOURCES
Name
Description
VCC1
The logic and registers implemented in this block reside on this single
power well.
TABLE 6-3:
RESET SIGNALS
Name
Description
VCC1_RESET
Power on Reset to the block. This signal resets all the register and logic
in this block to its default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com