Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 50 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 50 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 46Page - Microchip Technology MEC1322 Datasheet HTML 47Page - Microchip Technology MEC1322 Datasheet HTML 48Page - Microchip Technology MEC1322 Datasheet HTML 49Page - Microchip Technology MEC1322 Datasheet HTML 50Page - Microchip Technology MEC1322 Datasheet HTML 51Page - Microchip Technology MEC1322 Datasheet HTML 52Page - Microchip Technology MEC1322 Datasheet HTML 53Page - Microchip Technology MEC1322 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 456 page
background image
MEC1322
DS00001719D-page 50
 2014 - 2015 Microchip Technology Inc.
3.4.4
SYSTEM POWER SEQUENCING
The following table defines the behavior of the Power Sources in each of the defined ACPI power states.
Note 3-3
VCC1 power supply is always on while the battery pack or ac power is applied to the system.
Note 3-4
This device requires that the VBAT power is on when the VCC1 power supply is on. External circuitry,
a diode isolation circuit, is implemented on the motherboard to extend the battery life. This external
circuitry ensures the VBAT pin will derive power from the VCC1 power well when it is on. Therefore,
the VBAT supply will never appear to be off when the VCC1 rail is on. See APPLICATION NOTE: on
page 48.
3.5
Clocks
The following section defines the MEC1322 clocks that are generated or referenced.
TABLE 3-4:
TYPICAL POWER SUPPLIES VS. ACPI POWER STATES
Supply
Name
ACPI Power State
Description
S0
(FULL
ON)
S1
(POS)
S3
(STR)
S4
(STD)
S5
(Soft Off)
G3
(MECH Off)
VCC1
ON
ON
ON
ON
ON
OFF
MEC1322 “Always-on”
Supply. (Note 3-3)
VBAT (VCC0)
ON
ON
ON
ON
(Note 3-4)
ON
(Note 3-4)
ON
(Note 3-4)
MEC1322 Battery Back-up
Supply
TABLE 3-5:
CLOCK DEFINITIONS
Clock Name
Frequency
Description
Source
SUSCLK
32.768 KHz
32.768 kHz Suspend Well Clock
Source is a single-ended input that is
an accurate 32.768KHz clock.
(Note 3-5)
Pin Interface (XTAL2)
32.768 kHz Crystal
Oscillator
32.768 KHz
A 32.768 KHz parallel resonant crys-
tal connected between the XTAL1
and XTAL2 pins.
Pin Interface (XTAL1 and XTAL2)
48 MHz Ring
Oscillator
48MHz
The 48 MHz Ring Oscillator is a high-
accuracy, low power, low start-up
latency 48 MHz Ring Oscillator.
Enabled by VCC1 Power (Note 3-6).
May be stopped by Chip Power Man-
agement Features.
24MHz_Clk
24 MHz
Derived clock for UART
48 MHz Ring Oscillator
16MHz_Clk
16MHz
Derived clock for SMBus Controller
48 MHz Ring Oscillator
1.8432MHz_Clk
1.843 MHz
Derived clock for UART
48 MHz Ring Oscillator
100kHz_Clk
100 kHz
Derived for several blocks in the EC
Subsystem, including, but not limited
to, PWM, TACH.
48 MHz Ring Oscillator
32KHz_Clk
32.768 KHz
Internal 32kHz clock domain
Pin Interface:
XTAL2: 32KHz Crystal input/ single-
ended clock source input pin.
XTAL1: 32KHz Crystal output
The XOSEL bit configures the source
of this clock domain as either a sin-
gle-ended 32.768 KHz clock input
(SUSCLK) or the 32.768 kHz Crystal
Oscillator (Note 3-7). If neither of
these is available, this clock domain
is derived from the 48 MHz Ring
Oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com