Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 18 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 14Page - Microchip Technology MEC1322 Datasheet HTML 15Page - Microchip Technology MEC1322 Datasheet HTML 16Page - Microchip Technology MEC1322 Datasheet HTML 17Page - Microchip Technology MEC1322 Datasheet HTML 18Page - Microchip Technology MEC1322 Datasheet HTML 19Page - Microchip Technology MEC1322 Datasheet HTML 20Page - Microchip Technology MEC1322 Datasheet HTML 21Page - Microchip Technology MEC1322 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 456 page
background image
MEC1322
DS00001719D-page 18
 2014 - 2015 Microchip Technology Inc.
1.4.13
PECI INTERFACE
TABLE 1-17:
PECI INTERFACE
1.4.14
KEYBOARD SCAN INTERFACE
TABLE 1-18:
KEYBOARD SCAN INTERFACE
PECI Interface
(3 Pins)
Pin Ref. Number
Signal Name
Description
Notes
80
PECI_DAT
PECI Bus
31
PECI_RDY
PECI Ready
79
VREF_PECI
PECI Voltage Reference
Keyboard Scan Interface
(26 Pins)
Pin Ref. Number
Signal Name
Description
Notes
29
KSI0
Keyboard Scan Matrix Input 0
Note 11
28
KSI1
Keyboard Scan Matrix Input 1
Note 11
27
KSI2
Keyboard Scan Matrix Input 2
Note 11
26
KSI3
Keyboard Scan Matrix Input 3
Note 11
25
KSI4
Keyboard Scan Matrix Input 4
Note 11
24
KSI5
Keyboard Scan Matrix Input 5
Note 11
23
KSI6
Keyboard Scan Matrix Input 6
Note 11
22
KSI7
Keyboard Scan Matrix Input 7
Note 11
21
KSO00
Keyboard Scan Matrix Output 0
20
KSO01
Keyboard Scan Matrix Output 1
19
KSO02
Keyboard Scan Matrix Output 2
18
KSO03
Keyboard Scan Matrix Output 3
17
KSO04
Keyboard Scan Matrix Output 4
16
KSO05
Keyboard Scan Matrix Output 5
13
KSO06
Keyboard Scan Matrix Output 6
12
KSO07
Keyboard Scan Matrix Output 7
10
KSO08
Keyboard Scan Matrix Output 8
9
KSO09
Keyboard Scan Matrix Output 9
8
KSO10
Keyboard Scan Matrix Output 10
7
KSO11
Keyboard Scan Matrix Output 11
6
KSO12
Keyboard Scan Matrix Output 12
5
KSO13
Keyboard Scan Matrix Output 13
81
KSO14
Keyboard Scan Matrix Output 14
83
KSO15
Keyboard Scan Matrix Output 15
4
KSO16
Keyboard Scan Matrix Output 16
108
KSO17
Keyboard Scan Matrix Output 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com