Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 92 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 92 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 88Page - Microchip Technology MEC1322 Datasheet HTML 89Page - Microchip Technology MEC1322 Datasheet HTML 90Page - Microchip Technology MEC1322 Datasheet HTML 91Page - Microchip Technology MEC1322 Datasheet HTML 92Page - Microchip Technology MEC1322 Datasheet HTML 93Page - Microchip Technology MEC1322 Datasheet HTML 94Page - Microchip Technology MEC1322 Datasheet HTML 95Page - Microchip Technology MEC1322 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 456 page
background image
MEC1322
DS00001719D-page 92
 2014 - 2015 Microchip Technology Inc.
5.9.3.2
Logical Device I/O BAR Description
The following table defines the LPC I/O BAR of each logical device implemented in the design.
TABLE 5-16:
I/O BASE ADDRESS REGISTERS
5.9.4
DEVICE MEMORY BASE ADDRESS REGISTERS
Some Logical Devices have a Memory Base Address Register. These Device Memory BARs are located in blocks of
Configuration Registers in Logical Device 0Ch, in the AHB address range 400F_33C0h through 400F_33FFh. The fol-
lowing table defines the generic format used for all of these registers.
Each Device Memory BAR is 48 bits wide. The format of each Device Memory BAR is summarized in Device Memory
Base Address Register Format. An LPC memory request is translated by the Device Memory BAR into an 8-bit read or
write transaction on the AHB bus. The 32-bit LPC memory address is translated into a 24-bit AHB address
5.9.4.1
Device Memory Base Address Register Format
Offset
See Table 5-17, "Device Memory Base Address Register Default Values"
Bits
Description
Type
Default
Reset
Event
47:16 HOST_ADDRESS[31:0]
These 32 bits are used to match LPC memory addresses.
R/W
See
Table 5-17
nSIO_R
ESET
15 VALID
If this bit is 1, the BAR is valid and will participate in LPC matches. If
it is 0 this BAR is ignored.
R/W
See
Table 5-17
nSIO_R
ESET
14 RESERVED
RES
-
-
Bits
[D31:D16]
Bit [D15]
Bit [D14]
Bits
[D13:D8]
Bits
[D6:D0]
Offset
Logical
Device
Number
Logical Devices
Reset Default
Default
LPC I/O
Host
Address
VALID
DEVICE
FRAME
MASK
60h
C
LPC Interface
(Configuration Port)
002E_0C01
(Note 1)
002E
0
0
C
1
64h
0
EMI 0
0000_000F
0000
0
0
0
F
68h
7
UART 0
0000_0707
0000
0
0
7
7
78h
1
8042EM
0060_0104
0060
0
0
1
4
88h
3
ACPI EC0
0062_0304
0062
0
0
3
4
8Ch
4
ACPI EC1
0066_0407
0066
0
0
4
7
90h
5
ACPI PM1
0000_0507
0000
0
0
5
7
94h
6
Legacy Port92/GateA20
0092_0600
0092
0
0
6
0
98h
9
Mailbox
0000_0901
0000
0
0
9
1
9Ch
B
RTC
0000_0B3F
0000
0
0
B
3F
Base Address Register Bit Field Descriptions
Note 2: The FRAME and MASK fields for these Legacy devices are not used to determine which LPC I/O addresses to
claim. The address range match is maintained within the blocks themselves.
Note 1: The default Base I/O Address of the Configuration Port can be relocated by programming the BAR register for
Logical Device Ch (LPC/Configuration Port) at offset 60h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com