Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 15 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 11Page - Microchip Technology MEC1322 Datasheet HTML 12Page - Microchip Technology MEC1322 Datasheet HTML 13Page - Microchip Technology MEC1322 Datasheet HTML 14Page - Microchip Technology MEC1322 Datasheet HTML 15Page - Microchip Technology MEC1322 Datasheet HTML 16Page - Microchip Technology MEC1322 Datasheet HTML 17Page - Microchip Technology MEC1322 Datasheet HTML 18Page - Microchip Technology MEC1322 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 15
MEC1322
1.4.3
BC-LINK INTERFACE
TABLE 1-7:
BC-LINK INTERFACE
1.4.4
JTAG INTERFACE
TABLE 1-8:
JTAG INTERFACE
1.4.5
MASTER CLOCK INTERFACE
TABLE 1-9:
MASTER CLOCK INTERFACE
1.4.6
ANALOG DATA ACQUISITION INTERFACE
TABLE 1-10:
ANALOG DATA ACQUISITION
Note:
JTAG_TDO is a push-pull output. This function is not configured through the associated GPIO Pin Control
Register; however the drive strength is configured through the associated GPIO Pin Control Register 2.
BC-Link Interface
(3 Pins)
Pin Ref. Number
Signal Name
Description
Notes
98
BC_CLK
BC-Link Master clock
99
BC_DAT
BC-Link Master data I/O
Note 7
100
BC_INT#
BC-Link Master interrupt
JTAG Interface
(5 Pins)
Pin Ref. Number
Signal Name
Description
Notes
21
JTAG_TCK
JTAG Test Clock
19
JTAG_TDI
JTAG Test Data In
18
JTAG_TDO
JTAG Test Data Out
20
JTAG_TMS
JTAG Test Mode Select
49
JTAG_RST#
JTAG Test Reset (active low)
Note 2
Master Clock Interface
(3 Pins)
Pin Ref. Number
Signal Name
Description
Notes
71
XTAL1
32.768 KHz Crystal Output
Note 9
69
XTAL2
32.768 KHz Crystal Input (single-ended 32.768
KHz clock input)
Note 9
75
32KHZ_OUT
32.768 KHz Digital Output
Analog Data Acquisition Interface
(5 Pins)
Pin Ref. Number
Signal Name
Description
Notes
44
ADC0
ADC channel 0
Note 8
43
ADC1
ADC channel 1
Note 8
42
ADC2
ADC channel 2
Note 8
39
ADC3
ADC channel 3
Note 8
38
ADC4
ADC channel 4
Note 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com