Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 61 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 61 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 57Page - Microchip Technology MEC1322 Datasheet HTML 58Page - Microchip Technology MEC1322 Datasheet HTML 59Page - Microchip Technology MEC1322 Datasheet HTML 60Page - Microchip Technology MEC1322 Datasheet HTML 61Page - Microchip Technology MEC1322 Datasheet HTML 62Page - Microchip Technology MEC1322 Datasheet HTML 63Page - Microchip Technology MEC1322 Datasheet HTML 64Page - Microchip Technology MEC1322 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 61
MEC1322
Note 3-12
This is the latency following a wake event until the 48 MHz Ring Oscillator is locked and clocking the
system.
3.9.8
PROCESSOR CLOCK CONTROL REGISTER (PROC_CLK_CNTRL)
3.9.9
EC SLEEP ENABLE 2 REGISTER (EC_SLP_EN2)
TABLE 3-10:
SYSTEM SLEEP CONTROL BIT ENCODING
D2
D1
D0
Wake Latency
(TYP)
Description
0
0
0
0
The Core regulator and the Ring Oscillator remain powered and run-
ning during sleep cycles (SYSTEM HEAVY SLEEP 1) (DEFAULT)
0
1
0
0
The Core regulator remains powered and the Ring oscillator is running
but gated during sleep cycles (SYSTEM HEAVY SLEEP 2)
0
X
1
200us
(Note 3-12)
The Core regulator remains powered and the Ring oscillator is powered
down during sleep cycles (SYSTEM HEAVY SLEEP 3)
1
X
1
1ms
The Core regulator is suspended and the Ring oscillator is powered
down during sleep cycles. (SYSTEM DEEPEST SLEEP)
Offset
20h
Bits
Description
Type
Default
Reset
Event
31:8 RESERVED
RES
7:0 Processor Clock Divide Value
1: divide 48 MHz Ring Oscillator by 1.
4: divide 48 MHz Ring Oscillator by 4.
16: divide 48 MHz Ring Oscillator by 16.
48: divide 48 MHz Ring Oscillator by 48.
No other values are supported.
R/W
4h
VCC1_R
ESET
Offset
24h
Bits
Description
Type
Default
Reset
Event
31:29 RESERVED
RES
28 MCHP Reserved (Note 3-10)R/W
0h
VCC1_R
ESET
27 MCHP Reserved (Note 3-10)R/W
0h
VCC1_R
ESET
26 MCHP Reserved (Note 3-10)R/W
0h
VCC1_R
ESET
25 LED3 Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
R/W
0h
VCC1_R
ESET
24 TIMER32_1 Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
See Note 3-11 on page 57.
R/W
0h
VCC1_R
ESET
23 TIMER32_0 Sleep Enable
0: block is free to use clocks as necessary.
1: block is commanded to sleep at next available moment.
See Note 3-11 on page 57.
R/W
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com