Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 17 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 13Page - Microchip Technology MEC1322 Datasheet HTML 14Page - Microchip Technology MEC1322 Datasheet HTML 15Page - Microchip Technology MEC1322 Datasheet HTML 16Page - Microchip Technology MEC1322 Datasheet HTML 17Page - Microchip Technology MEC1322 Datasheet HTML 18Page - Microchip Technology MEC1322 Datasheet HTML 19Page - Microchip Technology MEC1322 Datasheet HTML 20Page - Microchip Technology MEC1322 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 17
MEC1322
1.4.10
PS/2 INTERFACE
TABLE 1-14:
PS/2 INTERFACE
1.4.11
POWER INTERFACE
TABLE 1-15:
POWER INTERFACE
APPLICATION NOTE: See FIGURE 3-1: Recommended Battery Circuit on page 49.
1.4.12
SMBUS INTERFACE
TABLE 1-16:
SMBUS INTERFACE
PS/2 Interface
(8 Pins)
Pin Ref. Number
Signal Name
Description
Notes
35
PS2_CLK2
PS/2 clock 2
32
PS2_DAT2
PS/2 data 2
61
PS2_CLK1
PS/2 clock 1
62
PS2_DAT1
PS/2 data 1
66
PS2_CLK0
PS/2 clock 0
67
PS2_DAT0
PS/2 data 0
103
PS2_CLK3
PS/2 clock 3
105
PS2_DAT3
PS/2 data 3
Power Interface
(18 Pins)
Pin Ref. Number
Signal Name
Description
Notes
70
VSS_VBAT
VBAT associated ground
68
VBAT
VBAT supply
15
CAP
Internal Voltage Regulator Capacitor
Note 3
11, 36, 47, 56, 82,
104, 117
VSS
VCC1 associated ground
14, 37, 58, 84, 106,
119
VCC1
VCC1 supply
45
AVSS
Analog ADC supply associated ground
40
AVCC
Analog ADC VCC1 associated Supply
SMBus Interface
(10 Pins)
Pin Ref. Number
Signal Name
Description
Notes
112
I2C0_CLK0
SMBus Controller 0 Port 0 Clock
111
I2C0_DAT0
SMBus Controller 0 Port 0 Data
110
I2C0_CLK1
SMBus Controller 0 Port 1 Clock
109
I2C0_DAT1
SMBus Controller 0 Port 1 Data
89
I2C1_CLK0
SMBus Controller 1 Clock
88
I2C1_DAT0
SMBus Controller 1 Data
91
I2C2_CLK0
SMBus Controller 2 Clock
90
I2C2_DAT0
SMBus Controller 2 Data
126
I2C3_CLK0
SMBus Controller 3 Clock
125
I2C3_DAT0
SMBus Controller 3 Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com