Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 1 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 1 Page - Microchip Technology

  MEC1322 Datasheet HTML 1Page - Microchip Technology MEC1322 Datasheet HTML 2Page - Microchip Technology MEC1322 Datasheet HTML 3Page - Microchip Technology MEC1322 Datasheet HTML 4Page - Microchip Technology MEC1322 Datasheet HTML 5Page - Microchip Technology MEC1322 Datasheet HTML 6Page - Microchip Technology MEC1322 Datasheet HTML 7Page - Microchip Technology MEC1322 Datasheet HTML 8Page - Microchip Technology MEC1322 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 1
Product Features
•ARM® Cortex®-M4 Processor Core
- 32-Bit ARM v7-M Instruction Set Architecture
- Hardware Floating Point Unit (FPU)
- Single 4GByte Addressing Space (Von Neu-
mann Model)
- Little-Endian Byte Ordering
- Bit-Banding Feature Included
- NVIC Nested Vectored Interrupt Controller
- Up to 240 Individually-Vectored Interrupt Sources
Supported
- 8 Levels of Priority, Individually Assignable By Vector
- Chip-Level Interrupt Aggregator supported, to
expand number of interrupt sources or reduce
number of vectors
- System Tick Timer
- Complete ARM-Standard Debug Support
- JTAG-Based DAP Port, Comprised of SWJ-DP and
AHB-AP Debugger Access Functions
- Full DWT Hardware Functionality: 4 Data
Watchpoints and Execution Monitoring
- Full FPB Hardware Breakpoint Functionality: 6
Execution Breakpoints and 2 Literal (Data)
Breakpoints
- Comprehensive ARM-Standard Trace Sup-
port
- Full DWT Hardware Trace Functionality for
Watchpoint and Performance Monitoring
- Full ITM Hardware Trace Functionality for
Instrumented Firmware Support and Profiling
- Full ETM Hardware Trace Functionality for
Instruction Trace
- Full TPIU Functionality for Trace Output
Communication
• 128K SRAM (Code or Data)
- 96K Optimized for Code
- 32K Optimized for Data
• LPC Interface
- Supports LPC Bus frequencies of 19MHz to
33MHz
- LPC I/O Cycles Decoded
- LPC Memory Cycles Decoded
- Clock Run Support
-Serial IRQ
- ACPI SCI interface
- SMI# output
• Two SPI Memory Interfaces
- 3-pin Full Duplex serial communication interface
- Two Private and Two Shared Chip Selects
- DMA Support
• 8042 Style Host Interface
- Mailbox Registers Interface
- Forty-three 8-Bit scratch registers
- Two Register Mailbox Command Interface
- Two Register SMI Source Interface
• Two ACPI Embedded Controller Interface
- 1 or 4 Byte Data transfer capable
• ACPI Power Management Interface
- SCI Event-Generating Functions
• Embedded Memory Interface
- Host Serial IRQ Source
- Provides Two Windows to On-Chip SRAM for
Host Access
• Two Register Mailbox Command Interface
• Battery Backed (VCC0/VBAT) Resources
- Power Fail Register
- Power-Fail Status Register
- Battery backed 64 byte memory
• Real Time Clock (RTC)
- VCC0 (VBAT) Powered
- 32KHz Crystal Oscillator
- 32KHz Clock output available under VCC1
power
- Time-of-Day and Calendar Registers
- Programmable Alarms
- Supports Leap Year and Daylight Savings
Time
• Hibernation Timers
• General Purpose Analog to Digital Converter
- 10-bit conversion precision
- 10-bit conversion per channel is completed in
less than 12us
- 5 ADC channels
- 10-bit Conversion with 2.9mV resolution
- 0 to 3.3 VDC Conversion Range
- Optional continuous sampling at a programmable
rate
- Internal Analog Voltage Reference (3.0V +/-
1%)
• Watch Dog Timer
• Four Programmable 16-bit and Two 32-bit Timers
- Wake-capable Auto-reloading Timers
• Four Independent Hardware Driven PS/2 Ports
- Fully functional on Main and/or Suspend
Power
- PS/2 Edge Wake Capable
• Four Programmable Pulse-Width Modulator Out-
puts
- Independent Clock Rates
- 16-Bit Duty Cycle Granularity
- Operational in both Full on and Standby modes
MEC1322
Keyboard and Embedded Controller for Notebook PC


Similar Part No. - MEC1322

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
MEC1-105-02-F-D-NP-A SAMTEC-MEC1-105-02-F-D-NP-A Datasheet
292Kb / 2P
1MM MINI-EDGE CARD ASSEMBLY
MEC1-105-02-F-D-NP-A SAMTEC-MEC1-105-02-F-D-NP-A Datasheet
292Kb / 2P
1mm MINI-EDGE CARD ASSEMBLY
MEC1-105-02-F-D-NP-K SAMTEC-MEC1-105-02-F-D-NP-K Datasheet
292Kb / 2P
1MM MINI-EDGE CARD ASSEMBLY
MEC1-105-02-F-D-NP-K SAMTEC-MEC1-105-02-F-D-NP-K Datasheet
292Kb / 2P
1mm MINI-EDGE CARD ASSEMBLY
MEC1-105-02-F-D-NP-LC SAMTEC-MEC1-105-02-F-D-NP-LC Datasheet
292Kb / 2P
1mm MINI-EDGE CARD ASSEMBLY
More results

Similar Description - MEC1322

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L951DG WINBOND-W83L951DG Datasheet
984Kb / 112P
Mobile Keyboard and Embedded Controller
W83L951ADG WINBOND-W83L951ADG Datasheet
1Mb / 134P
Mobile Keyboard and Embedded Controller
logo
Microchip Technology
MEC1404 MICROCHIP-MEC1404 Datasheet
6Mb / 572P
Keyboard and Embedded Controller Products for Notebook PC
07/14/15
MEC140X MICROCHIP-MEC140X Datasheet
6Mb / 571P
Keyboard and Embedded Controller Products for Notebook PC
06/23/16
MEC152X MICROCHIP-MEC152X Datasheet
6Mb / 570P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC170X MICROCHIP-MEC170X Datasheet
6Mb / 662P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC1725 MICROCHIP-MEC1725 Datasheet
5Mb / 721P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC152X MICROCHIP-MEC152X_V01 Datasheet
6Mb / 576P
Keyboard and Embedded Controller for Notebook PC
09/14/21
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com