Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 89 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 89 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 85Page - Microchip Technology MEC1322 Datasheet HTML 86Page - Microchip Technology MEC1322 Datasheet HTML 87Page - Microchip Technology MEC1322 Datasheet HTML 88Page - Microchip Technology MEC1322 Datasheet HTML 89Page - Microchip Technology MEC1322 Datasheet HTML 90Page - Microchip Technology MEC1322 Datasheet HTML 91Page - Microchip Technology MEC1322 Datasheet HTML 92Page - Microchip Technology MEC1322 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 89
MEC1322
Note 5-8
The Begin Address indicates where the first register can be accessed in a particular address space
for a block instance.
5.9.1
LPC ACTIVATE REGISTER
The LPC Activate Register controls the LPC device itself. The Host can shut down the LPC Logical Device by clearing
the Activate bit, but it cannot restart the LPC interface, since once the LPC interface is inactive the Host has no access
to any registers on the device. The Embedded Controller can set or clear the Activate bit at any time.
APPLICATION NOTE:
The bit in the LPC Activate Register should not be written ‘0’ to by the Host over LPC.
5.9.2
SERIAL IRQ CONFIGURATION REGISTERS
The LPC Controller implements 16 IRQ channels that may be configured to be asserted by any logical device.
• For a description of the SIRQ Configuration Register format see Table 5-15, “SIRQ Interrupt Configuration Regis-
ter Map,” on page 90.
• For a summary of the SIRQ IRQ Configuration registers implemented see Table 5-16, “I/O Base Address Regis-
ters,” on page 92.
• For a list of the SIRQ sources see Table 5-12, “Logical Device Sirq Routing,” on page 87.
TABLE 5-13:
CONFIGURATION REGISTER ADDRESS RANGE TABLE
Instance NAME
Instance
Number
Host
Address Space
Begin Address
(
Note 5-8
LPC Interface
0
LPC
Configuration Port
INDEX = 00h
0
EC
32-bit internal
address space
400F_3300h
TABLE 5-14:
CONFIGURATION REGISTER SUMMARY
Register Name
Offset
Size
Notes
LPC Activate Register
30h
8
SIRQ Configuration Register Format
40h - 4Fh
8
I/O Base Address Registers (BARs)
See Table 5-16
32
Device Memory Base Address Registers
See Table 5-17
48
Offset
30h
Bits
Description
Type
Default
Reset
Event
7:1 RESERVED
RES
-
-
0 ACTIVATE
1= Activate
When this bit is 1, the LPC Logical Device is powered and functional.
0= Deactivate
When this bit is 0, the logical device is powered down and inactive.
Except for the LPC Activate Register itself, clocks to the block are
gated and the LPC Logical Device will permit the ring oscillator to be
shut down (see Section 5.11.4, "EC Clock Control Register," on
page 96). LPC bus output pads will be tri-stated.
R/W
0b
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com