Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 81 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 81 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 77Page - Microchip Technology MEC1322 Datasheet HTML 78Page - Microchip Technology MEC1322 Datasheet HTML 79Page - Microchip Technology MEC1322 Datasheet HTML 80Page - Microchip Technology MEC1322 Datasheet HTML 81Page - Microchip Technology MEC1322 Datasheet HTML 82Page - Microchip Technology MEC1322 Datasheet HTML 83Page - Microchip Technology MEC1322 Datasheet HTML 84Page - Microchip Technology MEC1322 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 81
MEC1322
FIGURE 5-3:
CLOCK START ILLUSTRATION
Note 1: The signal “ANY CHANGE” is the same as “CHANGE/ASSERTION” in Table 5-9.
2: The LPC Controller must continually monitor the state of CLKRUN# to maintain LCLK until an active “any
IRQ change” condition has been transferred to the host in a Serial IRQ cycle or “any DRQ assertion” con-
dition has been transferred to the host in a DMA cycle. For example, if “any IRQ change or DRQ assertion”
is asserted before CLKRUN# is de-asserted (not shown in Figure 5-3), the controller must assert CLKRUN#
as needed until the Serial IRQ cycle or DMA cycle has completed.
5.8.2
CLAIMING AND FORWARDING TRANSACTIONS FOR SUPPORTED LPC CYCLES
The following sections define how the LPC Controller determines if a cycle is targeted for one of the chip’s logical
devices and how that transaction is then forwarded to that logical device. The following sections include:
• Section 5.8.2.1, "I/O Transactions," on page 81
• Section 5.8.2.2, "Device Memory Transactions," on page 82
5.8.2.1
I/O Transactions
The system host will generate I/O commands to communicate with I/O peripherals, such as Keyboard Controller, UART,
etc. The LPC Controller claims only I/O transactions targeted to it and it ignores all others. The following sections
describe how I/O transactions are claimed and forwarded to access the Runtime and Configuration registers.
FIGURE 5-2:
CLKRUN# SYSTEM IMPLEMENTATION EXAMPLE
CLKRUN#
LCLK
Target
PCI CLOCK
GENERATOR
(Central Resource)
Master
EC Device
LCLK
CLKRUN#
SERIRQ MODE BIT
ANY CHANGE
CLKRUN#
DRIVEN BY
EC Device
EC Device STOPS DRIVING
CLKRUN# (after two rising
edges of LCLK)
2 CLKS MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com