Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 65 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 61Page - Microchip Technology MEC1322 Datasheet HTML 62Page - Microchip Technology MEC1322 Datasheet HTML 63Page - Microchip Technology MEC1322 Datasheet HTML 64Page - Microchip Technology MEC1322 Datasheet HTML 65Page - Microchip Technology MEC1322 Datasheet HTML 66Page - Microchip Technology MEC1322 Datasheet HTML 67Page - Microchip Technology MEC1322 Datasheet HTML 68Page - Microchip Technology MEC1322 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 65
MEC1322
3.9.11
SLOW CLOCK CONTROL REGISTER (SLOW_CLK_CNTRL)
3.9.12
OSCILLATOR ID REGISTER (CHIP_OSC_ID)
6 PS2_1 Clock Required
0: block does NOT need clocks.
1: block requires clocks.
R0h
VCC1_R
ESET
5 PS2_0 Clock Required
0: block does NOT need clocks.
1: block requires clocks.
R0h
VCC1_R
ESET
4 MCHP Reserved
R0h
VCC1_R
ESET
3 ADC Clock Required
0: block does NOT need clocks.
1: block requires clocks.
R0h
VCC1_R
ESET
2:0 RESERVED
RES
Offset
2Ch
Bits
Description
Type
Default
Reset
Event
31:10 RESERVED
RES
9:0 Slow Clock (100 kHz) Divide Value
Configures the 100kHz_Clk.
0: Clock off
n: divide by n.
Note:
The default setting is for 100 kHz.
R/W
1E0h
VCC1_R
ESET
Offset
30h
Bits
Description
Type
Default
Reset
Event
31:9 RESERVED
RES
8OSC_LOCK
Oscillator Lock Status
R0h
VCC1_R
ESET
7:0 MCHP Reserved
R
N/A
VCC1_R
ESET
Offset
28h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com