Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 73 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 73 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 69Page - Microchip Technology MEC1322 Datasheet HTML 70Page - Microchip Technology MEC1322 Datasheet HTML 71Page - Microchip Technology MEC1322 Datasheet HTML 72Page - Microchip Technology MEC1322 Datasheet HTML 73Page - Microchip Technology MEC1322 Datasheet HTML 74Page - Microchip Technology MEC1322 Datasheet HTML 75Page - Microchip Technology MEC1322 Datasheet HTML 76Page - Microchip Technology MEC1322 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 73
MEC1322
4.7.1
POWER-FAIL AND RESET STATUS REGISTER
The Power-Fail and Reset Status Register collects and retains the VBAT RST and WDT event status when VCC1 is
unpowered.
4.7.2
CLOCK ENABLE REGISTER
APPLICATION NOTE: The XOSEL bit should be correctly configured by firmware before the 32K_EN bit is
assserted.
TABLE 4-5:
RUNTIME REGISTER SUMMARY
Offset
Register Name
00h
Power-Fail and Reset Status Register
04h
MCHP Reserved
08h
Clock Enable Register
Address
00h
Bits
Description
Type
Default
Reset
Event
7 VBAT_RST
The VBAT RST bit is set to ‘1’ by hardware when a VBAT_POR is
detected. This is the register default value. To clear VBAT RST EC
firmware must write a ‘1’ to this bit; writing a ‘0’ to VBAT RST has no
affect.
R/WC
1
VBAT_P
OR
6 Reserved
RES
-
-
5 WDT
The WDT bit is asserted (‘1’) following a Watch-Dog Timer Forced
Reset (WDT Event). To clear the WDT bit EC firmware must write a
‘1’ to this bit; writing a ‘0’ to the WDT bit has no affect.
R/WC
0
VBAT_P
OR
4:1 Reserved
RES
-
-
0 DET32K_IN
0 = No clock detected on the XTAL[1:2] pins.
1= Clock detected on the XTAL[1:2] pins.
RX
VBAT_P
OR
Address
08h
Bits
Description
Type
Default
Reset
Event
31:2 RESERVED
RES
-
-
1 32K_EN
This bit controls the 32.768 KHz Crystal Oscillator as defined in
TABLE 4-6:.
R/W
0b
VBAT_P
OR
0 XOSEL
This bit controls whether a crystal or single ended clock source is
used.
1= the 32.768 KHz Crystal Oscillator is driven by a single-ended
32.768 KHz clock source connected to the XTAL2 pin.
0= the 32.768 KHz Crystal Oscillator requires a 32.768 KHz parallel
resonant crystal connected between the XTAL1 and XTAL2 pins
(default).
R/W
0b
VBAT_P
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com