Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 97 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 97 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 93Page - Microchip Technology MEC1322 Datasheet HTML 94Page - Microchip Technology MEC1322 Datasheet HTML 95Page - Microchip Technology MEC1322 Datasheet HTML 96Page - Microchip Technology MEC1322 Datasheet HTML 97Page - Microchip Technology MEC1322 Datasheet HTML 98Page - Microchip Technology MEC1322 Datasheet HTML 99Page - Microchip Technology MEC1322 Datasheet HTML 100Page - Microchip Technology MEC1322 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 97
MEC1322
5.11.5
MCHP TEST REGISTER
5.11.6
MCHP TEST REGISTER
1:0 Clock_Control
This field controls when the host interface will permit the internal ring
oscillator to be shut down. The choices are as follows:
0h:
Reserved
1h:
The host interface will permit the internal clocks to be shut down
if the CLKRUN# signals “CLOCK STOP” and there are no pending
serial interrupt request or DMA requests from devices associated
with the device. The CLKRUN# signals “CLOCK STOP” by
CLKRUN# being high for 5 LPCCLK’s after the raising edge of
CLKRUN#
2h:
The host interface will permit the ring oscillator to be shut down
after the completion of every LPC transaction. This mode may cause
an increase in the time to respond to LPC transactions if the ring
oscillator is off when the LPC transaction is detected.
3h:
The ring oscillator is not permitted to shut down as long as the
host interface is active. When the ACTIVATE bit in the LPC Activate
Register is 0, the Host Interface will permit the ring oscillator to be
shut down and the Clock_Control Field is ignored. The Clock_Con-
trol Field only effects the Host Interface when the ACTIVATE bit in
the LPC Activate Register is 1.
Although the Host Interface can permit the internal oscillator to shut
down, it cannot turn the oscillator on in response to an LPC transac-
tion that occurs while the oscillator is off. In order to restart the oscil-
lator in order to complete an LPC transaction, EC firmware must
enable a wake interrupt on the LPC LFRAME# input. See the Appli-
cation Note in Section 15.8.1, "WAKE Generation" for details.
R/W
0h
VCC1_
RESET
Offset
14h
Bits
Description
Type
Default
Reset
Event
31:8 RESERVED
RES
-
-
7:0 MCHP Reserved
R
0h
VCC1_R
ESET
Offset
18h
Bits
Description
Type
Default
Reset
Event
31:2 RESERVED
RES
-
-
1 MCHP Reserved
R/W
0h
VCC1_R
ESET
0 MCHP Reserved
R/W
0h
VCC1_R
ESET
Offset
10h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com