Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 101 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 101 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 97Page - Microchip Technology MEC1322 Datasheet HTML 98Page - Microchip Technology MEC1322 Datasheet HTML 99Page - Microchip Technology MEC1322 Datasheet HTML 100Page - Microchip Technology MEC1322 Datasheet HTML 101Page - Microchip Technology MEC1322 Datasheet HTML 102Page - Microchip Technology MEC1322 Datasheet HTML 103Page - Microchip Technology MEC1322 Datasheet HTML 104Page - Microchip Technology MEC1322 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 101
MEC1322
Note 1:
If accessing the Global Configuration Registers, step (a) is not required.
2:
Any write to an undefined or reserved Configuration register is terminated normally on the LPC bus without
any modification of state in the MEC1322. Any read to an undefined or reserved Configuration register
returns FFh.
The following sections define the Global Configuration registers and the Logical Configuration registers.
6.7.1
GLOBAL CONTROL/CONFIGURATION REGISTERS
As with all Configuration Registers, the INDEX PORT is used to select a Global Configuration Register in the chip. The
DATA PORT is then used to access the selected register. The INDEX and DATA PORTs are defined in the LPC Interface
description.
The Host can access all the Global Configuration registers at the offsets listed in Table 6-4, "Chip-Level (Global) Con-
trol/Configuration Registers" through the INDEX PORT and the DATA PORT.
The EC can access all the Global Configuration registers at the offsets listed in Table 6-4, "Chip-Level (Global) Con-
trol/Configuration Registers" from the base address shown in Table 6-6, “EC-Only Register Address Table,” on
page 102.
6.7.2
LOGICAL DEVICE CONFIGURATION REGISTERS
The Logical Device Configuration registers support motherboard designs in which the resources required by their com-
ponents are known and assigned by the BIOS at POST.
Each logical device may have a set of directly I/O addressable Runtime Registers, Configuration Registers accessible
via the Configuration Port, or DMA registers. The following table lists the register types for each LPC Host-accessible
Logical Device implemented in the design. The Embedded Controller (EC) can access all Configuration Registers and
all Runtime Registers directly.
TABLE 6-4:
CHIP-LEVEL (GLOBAL) CONTROL/CONFIGURATION REGISTERS
Register
Offset
Description
Chip (Global) Control Registers
Reserved
00h - 06h
Reserved - Writes are ignored, reads return 0.
Logical Device Number
07h
A write to this register selects the current logical device. This
allows access to the control and configuration registers for each
logical device.
Note:
The Activate command operates only on the
selected logical device.
Reserved
08h - 1Fh
Reserved - Writes are ignored, reads return 0.
Device ID
20h
A read-only register which provides device identification:
Bits[7:0] = 15h
Device Revision
Hard Wired
21h
A read-only register which provides device revision information.
Bits[7:0] = current revision when read
Reserved
24h
Reserved – writes are ignored, reads return “0”.
MCHP Reserved
25h - 2Fh
MCHP Reserved.
This register locations are reserved for Microchip use. Modify-
ing these locations may cause unwanted results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com