Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 102 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 102 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 98Page - Microchip Technology MEC1322 Datasheet HTML 99Page - Microchip Technology MEC1322 Datasheet HTML 100Page - Microchip Technology MEC1322 Datasheet HTML 101Page - Microchip Technology MEC1322 Datasheet HTML 102Page - Microchip Technology MEC1322 Datasheet HTML 103Page - Microchip Technology MEC1322 Datasheet HTML 104Page - Microchip Technology MEC1322 Datasheet HTML 105Page - Microchip Technology MEC1322 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 456 page
background image
MEC1322
DS00001719D-page 102
 2014 - 2015 Microchip Technology Inc.
TABLE 6-5:
HOST LOGICAL DEVICES ON MEC1322
6.8
EC-Only Registers
Note 6-1
The Base Address indicates where the first register can be accessed in a particular address space
for a block instance.
The chip-level (global) registers reside in Logical Device 3Fh at EC addresses 400F_FF00h through 400F_FF2Fh.
The EC can access all these registers at the addresses listed in Table 6-4, “Chip-Level (Global) Control/Configuration
Registers,” on page 101.
TABLE 6-6:
EC-ONLY REGISTER ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address (
Note 6-1)
HOST_REGS
0
EC
32-bit internal
address space
400F_FF00h
Logica l
De vice
Num be r
Logica l De vice s
LPC I/O
Runtim e
Acce ss
LPC I/O
Configura tion
Acce ss
0
EM I 0
yes
no
1
8042EM
no
yes
3
ACPI EC0
yes
no
4
ACPI EC1
yes
no
5
ACPI PM 1
yes
no
6
Legacy Port92/GateA20
yes
yes
7UART 0
yes
yes
9
M ailbox
yes
no
BRTC
yes
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com