Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 51 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 51 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 47Page - Microchip Technology MEC1322 Datasheet HTML 48Page - Microchip Technology MEC1322 Datasheet HTML 49Page - Microchip Technology MEC1322 Datasheet HTML 50Page - Microchip Technology MEC1322 Datasheet HTML 51Page - Microchip Technology MEC1322 Datasheet HTML 52Page - Microchip Technology MEC1322 Datasheet HTML 53Page - Microchip Technology MEC1322 Datasheet HTML 54Page - Microchip Technology MEC1322 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 51
MEC1322
Note 3-5
The chipset will not produce a valid 32KHz clock until about 5 ms (PCH) or 110 ms (ICH) after the
deassertion of RSMRST#. See chipset specification for the actual timing.
Note 3-6
The 48 MHz Ring Oscillator is reset by VCC1GD.
Note 3-7
The Clock Enable Register contains the XOSEL bit and the 32K_EN bit (see Section 4.7.2, "Clock
Enable Register," on page 73). The 32.768 KHz Oscillator provides a stable timebase for the 48 MHz
Ring Oscillator as well as the clock source for the 32KHz Clock Domain. After VBAT POR there is a
500ms max time for the 48 MHz Ring Oscillator to become accurate.
3.5.1
32KHZ CLOCK SWITCHING
The 32kHz clock switching logic switches the clock source of the 32kHz clock domain to be either the single-ended
32.768 KHz clock input or the 32.768 kHz Crystal Oscillator. If neither of these is available, this clock domain is derived
from the 48 MHz Ring Oscillator.
Following a VBAT_POR, the XOSEL bit and the 32K_EN bit in the Clock Enable Register are programmed to configure
the source of this clock domain.
If the single-ended 32.768 KHz clock input is configured as the source of the 32kHz clock domain, then following a
VCC1_RESET, the time for this clock domain to become accurate at 32.768kHz after the SUSCLK input goes active is
100us (max).
If the 32.768 kHz Crystal Oscillator is configured as the source of the 32kHz clock domain, then following a VCC1_RE-
SET, there is 100us (max) delay time for this clock domain to become accurate at 32.768kHz.
3.5.2
CLOCK DOMAINS VS. ACPI POWER STATES
Table 3-6, "Typical MEC1322 Clocks vs. ACPI Power States" shows the relationship between ACPI power states and
MEC1322 clock domains:
TABLE 3-6:
TYPICAL MEC1322 CLOCKS VS. ACPI POWER STATES
Clock
Name
ACPI Power State
Description
S0
(FULL
ON)
S1
(POS)
S3
(STR)
S4
(STD)
S5
(Soft
Off)
G3
(MECH
Off)
SUSCLK
ON
ON
ON
ON
ON
OFF
This clock is the system
suspend clock source.
(Note 3-5).
32.768 kHz Crystal
Oscillator
ON
ON
ON
ON
ON
ON
This clock is generated
from a 32.768 KHz paral-
lel resonant crystal con-
nected between the
XTAL1 and XTAL2 pins.
32KHz_Clk
ON
ON
ON
ON
ON
ON/ OFF This clock domain is gen-
erated from the 32KHz
clock input (SUSCLK)
when available or the
crystal oscillator pins.
Otherwise it is generated
internally from the 48
MHz Ring Oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com