Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 72 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 72 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 68Page - Microchip Technology MEC1322 Datasheet HTML 69Page - Microchip Technology MEC1322 Datasheet HTML 70Page - Microchip Technology MEC1322 Datasheet HTML 71Page - Microchip Technology MEC1322 Datasheet HTML 72Page - Microchip Technology MEC1322 Datasheet HTML 73Page - Microchip Technology MEC1322 Datasheet HTML 74Page - Microchip Technology MEC1322 Datasheet HTML 75Page - Microchip Technology MEC1322 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 456 page
background image
MEC1322
DS00001719D-page 72
 2014 - 2015 Microchip Technology Inc.
4.0
VBAT REGISTER BANK
4.1
Introduction
This chapter defines a bank of registers powered by VBAT.
4.2
Interface
This block is designed to be accessed internally by the EC via the register interface.
4.3
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
4.3.1
POWER DOMAINS
4.3.2
CLOCK INPUTS
This block does not require any special clock inputs. All register accesses are synchronized to the host clock.
4.3.3
RESETS
4.4
Interrupts
4.5
Low Power Modes
The VBAT Register Bank is designed to always operate in the lowest power consumption state.
4.6
Description
The VBAT Register Bank block is a block implemented for aggregating miscellaneous battery-backed registers required
the host and by the Embedded Controller (EC) Subsystem that are not unique to a block implemented in the EC sub-
system.
4.7
EC-Only Registers
Note 4-1
The Base Address indicates where the first register can be accessed in a particular address space
for a block instance.
TABLE 4-1:
POWER SOURCES
Name
Description
VBAT
The VBAT Register Bank are all implemented on this single power
domain.
TABLE 4-2:
RESET SIGNALS
Name
Description
VBAT_POR
This reset signal, which is an input to this block, resets all the logic and
registers to their initial default state.
TABLE 4-3:
INTERRUPT SIGNALS
Name
Description
PFR_Status
This interrupt signal from the Power-Fail and Reset Status Register
indicates VBAT RST and WDT events.
TABLE 4-4:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address (Note 4-1)
VBAT_REG_BANK
0
EC
32-bit internal
address space
4000A400h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com