Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 16 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 12Page - Microchip Technology MEC1322 Datasheet HTML 13Page - Microchip Technology MEC1322 Datasheet HTML 14Page - Microchip Technology MEC1322 Datasheet HTML 15Page - Microchip Technology MEC1322 Datasheet HTML 16Page - Microchip Technology MEC1322 Datasheet HTML 17Page - Microchip Technology MEC1322 Datasheet HTML 18Page - Microchip Technology MEC1322 Datasheet HTML 19Page - Microchip Technology MEC1322 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 456 page
background image
MEC1322
DS00001719D-page 16
 2014 - 2015 Microchip Technology Inc.
1.4.7
FAN TACHOMETER AND PWM INTERFACE
TABLE 1-11:
FAN TACHOMETER AND PWM INTERFACE
1.4.8
GENERAL PURPOSE I/O INTERFACE
TABLE 1-12:
GPIO INTERFACE
1.4.9
MISCELLANEOUS FUNCTIONS
TABLE 1-13:
MISCELLANEOUS FUNCTIONS
Note 1: The KBRST pin function is the output of CPU_RESET described in Section 11.11.2, "CPU_RESET Hard-
ware Speed-Up," on page 151.
2: The nRESET_OUT pin function is an external output signal version of the internal signal nSIO_RESET. See
the iRESET_OUT bit in the Power Reset Control (PWR_RST_CTRL) Register on page 71 and nSIO_RE-
SET in Table 3-7, “Definition of Reset Signals,” on page 52.
3: XNOR is a push-pull output. This function is not configured through the associated GPIO Pin Control Reg-
ister; however the drive strength is configured through the associated GPIO Pin Control Register 2.
Note:
No GPIO pin should be left floating in a system. If a GPIO pin is not in use, it should be either tied high, tied
low, or pulled to either power or ground through a resistor.
PWM & TACHOMETER
(6 Pins)
Pin Ref. Number
Signal Name
Description
Notes
92
TACH1
Fan Tachometer Input 2
101
TACH2PWM_IN
Tach input to RPM-Based Fan Speed Control
Algorithm
120
PWM0
Pulse Width Modulator Output 0
118
PWM1
Pulse Width Modulator Output 1
78
PWM3
Pulse Width Modulator Output 3
121
TACH2PWM_OUT
Pulse Width Modulator Output from RPM
Based Fan Speed Control Algorithm
GPIO Interface
Pin Ref. Number
Signal Name
Description
Notes
See Pin Configuration
Table
GPIO
General Purpose Input Output Pins
Note 12
MISC Functions
(13 Pins)
Pin Ref. Number
Signal Name
Description
Notes
102
A20M
KBD GATEA20 Output
122
KBRST
CPU_RESET
113
LED0
LED (Bllinking/Breathing PWM) Output 0
114
LED1
LED (Bllinking/Breathing PWM) Output 1
115
LED2
LED (Bllinking/Breathing PWM) Output 2
78
LED3
LED (Bllinking/Breathing PWM) Output 3
16
TFDP_CLK
Trace FIFO debug port - clock
17
TFDP_DATA
Trace FIFO debug port - data
60
nRESET_OUT
EC-driven External System Reset
Note 6
72
VCC_PWRGD
System Main Power Indication
77
VCC1_RST#
Reset Generator Output
85
RSMRST#
Resume Reset Output
Note 6
17
XNOR
Test Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com