Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 54 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 54 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 50Page - Microchip Technology MEC1322 Datasheet HTML 51Page - Microchip Technology MEC1322 Datasheet HTML 52Page - Microchip Technology MEC1322 Datasheet HTML 53Page - Microchip Technology MEC1322 Datasheet HTML 54Page - Microchip Technology MEC1322 Datasheet HTML 55Page - Microchip Technology MEC1322 Datasheet HTML 56Page - Microchip Technology MEC1322 Datasheet HTML 57Page - Microchip Technology MEC1322 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 456 page
background image
MEC1322
DS00001719D-page 54
 2014 - 2015 Microchip Technology Inc.
Note 1: The minimum low pulse provided to initiate reset = 20ns.
2: There is no glitch protection or noise filtering (i.e. a vary narrow noise pulse cause a reset).
3.7
Chip Power Management Features
This device is designed to always operate in its lowest power state during normal operation. In addition, this device
offers additional programmable options to put individual logical blocks to sleep as defined in Section 3.7.1, "Block Low
Power Modes," on page 54.
3.7.1
BLOCK LOW POWER MODES
All power related control signals are generated and monitored centrally in the chip’s Power, Clocks, and Resets (PCR)
block. The power manager of the PCR block uses a sleep interface to communicate with all the blocks. The sleep inter-
face consists of three signals:
• sleep_en (request to sleep the block) is generated by the PCR block. A group of sleep_en signals are gener-
ated for every clock segment. Each group consists of a sleep_en signal for every block in that clock segment.
• clk_req (request clock on) is generated by every block. They are grouped by blocks on the same clock segment.
The PCR monitors these signals to see when it can gate off clocks.
• reset_en (reset on sleep) bits determine if the block (including registers) will be reset when it enters sleep mode.
A block can always drive clk_req low synchronously, but it MUST drive it high asynchronously since its internal clocks
are gated and it has to assume that the clock input itself is gated. Therefore the block can only drive clk_req high as a
result of a register access or some other input signal.
The following table defines a block’s power management protocol:
A wake event clears all sleep enable bits momentarily, and then returns the sleep enable bits back to their original state.
The block that needs to respond to the wake event will do so. See Section 15.8.1, "WAKE Generation," on page 194.
The Sleep Enable, Clock Required and Reset Enable registers are defined in Section 3.8, "EC-Only Registers," on
page 55.
Power State
sleep_en
clk_req
Description
Normal operation
Low
Low
Block is idle and NOT requesting clocks. The block gates its
own internal clock.
Normal operation
Low
High
Block is NOT idle and requests clocks.
Request sleep
Rising Edge
Low
Block is IDLE and enters sleep mode immediately. The block
gates its own internal clock. The block cannot request clocks
again until sleep_en goes low.
Request sleep
Rising Edge High then
Low
Block is not IDLE and will stop requesting clocks and enter
sleep when it finishes what it is doing. This delay is block
specific, but should be less than 1 ms. The block gates its
own internal clock. After driving clk_req low, the block cannot
request clocks again until sleep_en goes low.
Register Access
X
High
Register access to a block is always available regardless of
sleep_en. Therefore the block ungates its internal clock and
drives clk_req high during the access. The block will regate
its internal clock and drive clk_req low when the access is
done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com