Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 52 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 48Page - Microchip Technology MEC1322 Datasheet HTML 49Page - Microchip Technology MEC1322 Datasheet HTML 50Page - Microchip Technology MEC1322 Datasheet HTML 51Page - Microchip Technology MEC1322 Datasheet HTML 52Page - Microchip Technology MEC1322 Datasheet HTML 53Page - Microchip Technology MEC1322 Datasheet HTML 54Page - Microchip Technology MEC1322 Datasheet HTML 55Page - Microchip Technology MEC1322 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 456 page
background image
MEC1322
DS00001719D-page 52
 2014 - 2015 Microchip Technology Inc.
3.6
Resets
48 MHz Ring Oscilla-
tor
ON
ON
ON
ON
ON
OFF
This clock is powered by
the MEC1322 suspend
supply (VCC1) but may
start and stop as
described in Section 3.7,
"Chip Power Manage-
ment Features," on
page 54 (see also
Note 3-3).
TABLE 3-7:
DEFINITION OF RESET SIGNALS
Reset
Description
Source
VBAT_POR
Internal VBAT Reset signal. This signal is used
to reset VBAT powered registers.
VBAT_POR is a pulse that is asserted at the ris-
ing edge of VCC1GD if the VBAT voltage is
below a nominal 1.25V. VBAT_POR is also
asserted as a level if, while VCC1GD is not
asserted (‘0’), the coin cell is replaced with a
new cell that delivers at least a nominal 1.25V. In
this latter case VBAT_POR is de-asserted when
VCC1GD is asserted. No action is taken if the
coin cell is replaced, or if the VBAT voltage falls
below 1.25 V nominal, while VCC1GD is
asserted.
VCC1_RESET Internal VCC1 Reset signal. This signal is used
to reset VCC1 powered registers.
VCC1_RESET is asserted when VCC1GD is low
and is deasserted when VCC1GD is high. The
VCC1_RST# pin asserted as input will also
cause a VCC1_RESET. A WDT_RESET event
will also cause a VCC1_RESET assertion.
PCI RESET#
System reset signal connected to the LPC
LRESET# pin.
Pin Interface, LRESET# pin. See Note 3-8.
nSIO_RESET
Performs a reset when VCC is turned off or
when the system host resets the LPC Interface.
nSIO_RESET is a signal that is asserted if
VCC1GD is low, PWRGD is low, or PCI RESET#
is asserted low and may be deasserted when
these three signals are all high. The iRE-
SET_OUT bit controls the deassertion of
nSIO_RESET. See Note 3-8.
A WDT_RESET event will also cause an
nSIO_RESET assertion.
TABLE 3-6:
TYPICAL MEC1322 CLOCKS VS. ACPI POWER STATES (CONTINUED)
Clock
Name
ACPI Power State
Description
S0
(FULL
ON)
S1
(POS)
S3
(STR)
S4
(STD)
S5
(Soft
Off)
G3
(MECH
Off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com